Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
40
Figure 13 •
Inline Powered Ethernet Switch
The following procedure describes the process that an Ethernet switch must perform to process inline power requests
made by a link partner (LP); that is, in turn, capable of receiving inline power.
1.
Enables the inline powered device detection mode on each transceiver using its serial management
interface. Set PHY_CTRL_EXT4.INLINE_POW_DET_ENA to 1.
2.
Ensures that the Auto-Negotiation Enable bit (register 0.12) is also set to 1. In the application, the
device sends a special Fast Link Pulse (FLP) signal to the LP. Reading
PHY_CTRL_EXT4.INLINE_POW_DET_STAT returns 00 during the search for devices that require
Power-over-Ethernet (PoE).
3.
The transceiver monitors its inputs for the FLP signal looped back by the LP. An LP capable of
receiving PoE loops back the FLP pulses when the LP is in a powered down state. This is reported
when PHY_CTRL_EXT4.INLINE_POW_DET_STAT reads back 01. If an LP device does not loop
back the FLP after a specific time, PHY_CTRL_EXT4.INLINE_POW_DET_STAT automatically
resets to 10.
4.
If the transceiver reports that the LP needs PoE, the Ethernet switch must enable inline power on
this port, externally of the PHY.
5.
The PHY automatically disables inline powered device detection if
PHY_CTRL_EXT4.INLINE_POW_DET_STAT automatically resets to 10, and then automatically
changes to its normal auto-negotiation process. A link is then auto-negotiated and established when
the link status bit is set (PHY_STAT.LINK_STAT is set to 1).
6.
In the event of a link failure (indicated when PHY_STAT.LINK_STAT reads 0), the inline power must
be disabled to the inline powered device external to the PHY. The transceiver disables its normal
auto-negotiation process and re-enables its inline powered device detection mode.
3.5.5
IEEE 802.3af PoE Support
The integrated transceivers are also compatible with switch designs intended for use in systems that
supply power to Data Terminal Equipment (DTE) by means of the MDI or twisted pair cable, as described
in clause 33 of the IEEE 802.3af.
3.5.6
ActiPHY™ Power Management
In addition to the IEEE-specified power-down control bit (PHY_CTRL.POWER_DOWN_ENA), the device
also includes an ActiPHY power management mode for each PHY. The ActiPHY mode enables support
Control
PHY_port1
Inline,
Power-Over-Ethernet (PoE)
Power Supply
Cat5
PHY_port0
PHY_portn
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Link
Partner
Link
Partner
Link
Partner
Gigabit Switch/PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com