Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 71Page - Microsemi Corporation VSC7511 Datasheet HTML 72Page - Microsemi Corporation VSC7511 Datasheet HTML 73Page - Microsemi Corporation VSC7511 Datasheet HTML 74Page - Microsemi Corporation VSC7511 Datasheet HTML 75Page - Microsemi Corporation VSC7511 Datasheet HTML 76Page - Microsemi Corporation VSC7511 Datasheet HTML 77Page - Microsemi Corporation VSC7511 Datasheet HTML 78Page - Microsemi Corporation VSC7511 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
60
3.8
VCAP
The VCAP is a content-aware packet processor for wire-speed packet inspection for rich implementation
of, for example, advanced VLAN and QoS classifications and manipulations, IP source guarding, and
security features for wireline and wireless applications.
The following describes three VCAPs implemented in the device: IS1, IS2, and ES0. IS1 and IS2 are
generic ingress VCAPs working on the incoming frames while ES0 is an egress VCAP working on all
outgoing frames.
When a VCAP is enabled, each frame is examined to determine the frame type (for example IPv4 TCP
frame) so that the frame information is extracted according to the frame type. Together with port-specific
configuration and classification results from the basic classification, the extracted frame information
makes up an entry key, which is passed to a TCAM and matched against entries in the TCAM.
An entry in the TCAM consists of a pattern and a mask, where the mask allows pattern-matching with the
use of “don’t cares”. The first matching entry is then used to select an action. The following illustration
provides a functional overview of a general TCAM.
Figure 23 •
VCAP Functional Overview
Each frame results in up to six ingress VCAP lookups and one egress lookup per destination port. The
lookups use different keys and the results determine the frame’s ingress classification, security handling,
and egress VLAN manipulation. The six ingress lookups and the associated VCAPs are:
•
Advanced ingress classification, first lookup:
•
VCAP: IS1
•
Key: IS1
•
Entry: IS1 Control Entry
•
Advanced ingress classification, second lookup:
•
VCAP: IS1
•
Key: IS1
•
Entry: IS1 Control Entry
•
Advanced ingress classification, third lookup:
•
VCAP: IS1
•
Key: IS1
•
Entry: IS1 Control Entry
•
IP source guarding check:
•
VCAP: IS2
•
Key: SMAC_SIP4 (IPv4 frames) or SMAC_SIP6 (IPv6 frames)
•
Entry: SMAC_SIP4 Control Entry or SMAC_SIP6 Control Entry
•
Security enforcement, first lookup:
•
VCAP: IS2
TCAM
RAM
N
N-1
N-2
N-3
N-4
0
...
Default Actions
Action
Entry
Entry Data
Entry Mask
. . . . . . . .
. . .
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com