Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 15Page - Microsemi Corporation VSC7511 Datasheet HTML 16Page - Microsemi Corporation VSC7511 Datasheet HTML 17Page - Microsemi Corporation VSC7511 Datasheet HTML 18Page - Microsemi Corporation VSC7511 Datasheet HTML 19Page - Microsemi Corporation VSC7511 Datasheet HTML 20Page - Microsemi Corporation VSC7511 Datasheet HTML 21Page - Microsemi Corporation VSC7511 Datasheet HTML 22Page - Microsemi Corporation VSC7511 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
4
•
Push/pop/translate up to three VLAN tags; translation on ingress and/or on egress
•
TCAM-based VLAN classification and translation with pattern matching against Layer 2 through
Layer 4 information such as MAC addresses, VLAN tag headers, EtherType, DSCP, IP addresses,
and TCP/UDP ports and ranges
•
QoS and VLAN TCAM entries
•
VLAN egress tagging TCAM entries
•
Link aggregation (IEEE 802.3ad)
•
Link aggregation traffic distribution is programmable and based on Layer 2 through Layer 4
information
•
Wire-speed hardware-based learning and CPU-based learning configurable per port
•
Independent and shared VLAN learning
•
Provider Bridging (VLAN Q-in-Q) support (IEEE 802.1ad)
•
Rapid Spanning Tree Protocol support (IEEE 802.1w)
•
Multiple Spanning Tree Protocol support (IEEE 802.1s)
•
Jumbo frame support up to 12.2 KB with per-port programmable MTU
•
Q-in-Q tagging support
2.1.2
Layer 2 Multicast
•
IPv4/IPv6 multicast Layer-2 switching with up to 4,096 groups and 64 port masks
•
Internet Group Management Protocol version 2 (IGMPv2) support
•
Internet Group Management Protocol version 3 (IGMPv3) support with source specific multicast
forwarding
•
Multicast Listener Discovery (MLDv1) support
•
Multicast Listener Discovery (MLDv2) support with source specific forwarding
2.1.3
Quality of Service
•
Eight QoS classes and two drop precedence levels
•
Eight QoS queues per port with Deficit Weighted Round-robin (DWRR) or Frame Based Round-
robin (FBRR) scheduling
•
TCAM-based QoS and VLAN classification with pattern matching against Layer 2 through Layer 4
information
•
DSCP translation, both ingress and/or egress
•
DSCP remarking based on QoS class and drop precedence level
•
VLAN (PCP, DEI, and VID) translation, both ingress and egress
•
PCP and DEI remarking based on QoS class and drop precedence level
•
Policers, selectable per QoS class, per queue, per port, and per security entry through TCAM-based
pattern matching, programmable in steps of 33.3 kbps
•
Dual leaky bucket shaping per port and per QoS class, programmable in steps of 100 kbps
•
Full-duplex flow control (IEEE 802.3X) and half-duplex backpressure, symmetric and asymmetric
•
Priority-based full-duplex flow control (IEEE 802.1Qbb)
•
Multicast and broadcast storm control with flooding control
•
QoS classification based on IEEE 802.1p and IPv4/IPv6 DSCP
2.1.4
Security
•
Versatile Content Aware Processor (VCAP) packet filtering engine using ACLs for ingress and
egress packet inspection
•
Security VCAP entries
•
Source IP guarding entries
•
Shared VCAP rate policers with rate measurements in frames per second or bits per second
•
Eight shared range checkers supporting ranges based on TCP/UDP port numbers, DSCP
values, and VLAN identifiers
•
VCAP match patterns supporting generic MAC, ARP, IPv4, and IPv6 protocols
•
VCAP actions including permit/deny, police, count, CPU-copy, and mirror
•
Special support for IP fragments, UDP/TCP port ranges, and ARP sanity check
•
Extensive CPU DoS prevention by VCAP rate policers and hit-me-once functions
•
Surveillance functions supported by 32-bit VCAP counters
•
Generic storm controllers for flooded broadcast, flooded multicast, and flooded unicast traffic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com