Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 36Page - Microsemi Corporation VSC7511 Datasheet HTML 37Page - Microsemi Corporation VSC7511 Datasheet HTML 38Page - Microsemi Corporation VSC7511 Datasheet HTML 39Page - Microsemi Corporation VSC7511 Datasheet HTML 40Page - Microsemi Corporation VSC7511 Datasheet HTML 41Page - Microsemi Corporation VSC7511 Datasheet HTML 42Page - Microsemi Corporation VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
25
Far-End Fault facility. In 100BASE-FX, the PCS supports the optional Far-End Fault facility. Both Far-
End Fault generation (PCS_FX100_CFG.FEF_GEN_ENA) and Far-End Fault Detection
(PCS_FX100_CFG.FEF_CHK_ENA) are supported. An Far-End Fault incident is recorded in
PCS_FX100_STATUS.FEF_FOUND.
Signal Detect. 100BASE-FX has a similar signal detect scheme to the SGMII and SerDes modes. For
100BASE-FX, PCS_FX100_CFG.SD_ENA enables signal detect, PCS_FX100_CFG.SD_POL controls
the polarity, and PCS_FX100_CFG.SD_SEL selects the input source. The current status of the signal
detect input can be observed through PCS_FX100_STATUS.SIGNAL_DETECT. For more information
about signal detect, see Signal Detect, page 23.
Link Surveillance. The PCS synchronization status can be observed through
PCS_FX100_STATUS.SYNC_STATUS. When synchronization is lost, the link breaks and
PCS_FX100_STATUS.SYNC_LOST_STICKY is set. The PCS continuously tries to recover the link.
Unidirectional mode. 100BASE-FX has a similar unidirectional mode as SGMII and SerDes modes.
PCS_FX100_CFG.UNIDIR_MODE_ENA enables unidirectional mode.
3.3
SERDES1G
SERDES1G is a high-speed SerDes interface that operates at 1 Gbps (SGMII/SerDes) and 100 Mbps
(100BASE-FX). The 100BASE-FX mode is supported by oversampling.
The following table lists the registers associated with SERDES1G.
For increased performance in specific application environments, SERDES1G supports the following:
•
Programmable loop-bandwidth and phase regulation of deserializer
•
Input buffer signal detect/loss of signal (LOS) options
•
Input buffer with equalization
•
Programmable output buffer features, including:
•
De-emphasis
•
Amplitude drive levels
•
Slew rate control
•
Idle mode
•
Synchronous Ethernet support
•
Loopbacks for system test
3.3.1
SERDES1G Basic Configuration
The SERDES1G is enabled in SERDES1G_COMMON_CFG.ENA_LANE. By default, the SERDES1G is
held reset and must be released from reset before the interface is active. This is done through
SERDES1G_COMMON_CFG.SYS_RST and SERDES1G_MISC_CFG.LANE_RST.
3.3.1.1
SERDES1G Frequency Configuration
To operate the SERDES1G block at 1.25 GHz (corresponding to 1 Gbps data rate), the internal macro
PLL must be configured as follows:
Table 14 •
SERDES1G Registers
Registers
Description
Replication
SERDES1G_COMMON_CFG
Common configuration
Per SerDes
SERDES1G_DES_CFG
Deserializer configuration
Per SerDes
SERDES1G_IB_CFG
Input buffer configuration
Per SerDes
SERDES1G_SER_CFG
Serializer configuration
Per SerDes
SERDES1G_OB_CFG
Output buffer configuration
Per SerDes
SERDES1G_PLL_CFG
PLL configuration
Per SerDes
SERDES1G_MISC_CFG
Miscellaneous configuration
Per SerDes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com