Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 34Page - Microsemi Corporation VSC7511 Datasheet HTML 35Page - Microsemi Corporation VSC7511 Datasheet HTML 36Page - Microsemi Corporation VSC7511 Datasheet HTML 37Page - Microsemi Corporation VSC7511 Datasheet HTML 38Page - Microsemi Corporation VSC7511 Datasheet HTML 39Page - Microsemi Corporation VSC7511 Datasheet HTML 40Page - Microsemi Corporation VSC7511 Datasheet HTML 41Page - Microsemi Corporation VSC7511 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
23
After the last next page is received, the auto-negotiation state machine enters the IDLE_DETECT state
and the PCS1G_ANEG_STATUS.PR bit is set indicating that ability information exchange (base page
and possible next pages) is finished and software can now resolve priority. Appropriate actions, such as
Rx or Tx reset, or auto-negotiation restart, can then be taken, based on the negotiated abilities. The
LINK_OK state is reached one link timer period later.
When the auto-negotiation process reaches the LINK_OK state,
PCS1G_ANEG_STATUS.ANEG_COMPLETE is asserted.
3.2.2.2
Link Surveillance
The current link status can be observed through PCS1G_LINK_STATUS.LINK_STATUS. The
LINK_STATUS is defined as either the PCS synchronization state or as bit 15 of
PCS1G_ANEG_STATUS.LP_ADV_ABILTY, which carries information about the link status of the
attached PHY in SGMII mode.
Link down is defined as the auto-negotiation state machine being in neither the AN_DISABLE_LINK_OK
state nor the LINK_OK state for one link timer period. If a link down event occurs,
PCS1G_STICKY.LINK_DOWN_STICKY is set, and PCS1G_LINK_DOWN_CNT is incremented. In
SGMII mode, the link timer period is 1.6 ms; in SerDes mode, the link timer period is 10 ms.
The PCS synchronization state can be observed through PCS1G_LINK_STATUS.SYNC_STATUS.
Synchronization is lost when the PCS is not able to recover and decode data received from the attached
serial link.
3.2.2.3
Signal Detect
The PCS can be enabled to react to loss of signal through signal detect (PCS1G_SD_CFG.SD_ENA). At
loss of signal, the PCS Rx state machine is restarted, and frame reception stops. If signal detect is
disabled, no action is taken upon loss of signal. The polarity of signal detect is configurable in
PCS1G_SD_CFG.SD_POL.
The source of signal detect is selected in PCS1G_SD_CFG.SD_SEL to either the SerDes PMA or the
PMD receiver. If the SerDes PMA is used as source, the SerDes macro provides the signal detect. If the
PMD receiver is used as source, signal detect is sampled externally through one of the GPIO pins on the
device. For more information about the configuration of the GPIOs and signal detect, see SI Boot
Controller, page 191.
PCS1G_LINK_STATUS.SIGNAL_DETECT contains the current value of the signal detect input.
3.2.2.4
Tx Loopback
For debug purposes, the Tx data path in the PCS can be looped back into the Rx data path. This feature
is enabled through PCS1G_LB_CFG.TBI_HOST_LB_ENA.
3.2.2.5
Test Patterns
The following table lists the registers associated with configuring test patterns.
PCS1G_TSTPAT_MODE_CFG.JTP_SEL overwrites normal operation of the PCS and enables
generation of jitter test patterns for debugging. The jitter test patterns are defined in IEEE 802.3, Annex
36A, and the following patterns are supported.
•
High frequency test pattern
•
Low frequency test pattern
•
Mixed frequency test pattern
•
Continuous random test pattern with long frames
•
Continuous random test pattern with short frames
Table 11 •
Test Pattern Registers
Registers
Description
Replication
PCS1G_TSTPAT_MODE_CFG
Test pattern configuration
Per PSC
PCS1G_TSTPAT_MODE_STATUS Test pattern status
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com