Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 70Page - Microsemi Corporation VSC7511 Datasheet HTML 71Page - Microsemi Corporation VSC7511 Datasheet HTML 72Page - Microsemi Corporation VSC7511 Datasheet HTML 73Page - Microsemi Corporation VSC7511 Datasheet HTML 74Page - Microsemi Corporation VSC7511 Datasheet HTML 75Page - Microsemi Corporation VSC7511 Datasheet HTML 76Page - Microsemi Corporation VSC7511 Datasheet HTML 77Page - Microsemi Corporation VSC7511 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
59
The following table lists the standard frame types, with respect to CPU forwarding, that are recognized by
the classifier.
In addition, the classifier can recognize Versatile Register Access Protocol (VRAP) frames and redirect
such frames to the CPU. This is a proprietary frame format, which is used for reading and writing switch
configuration registers through ethernet frames. For more information, see VRAP Engine, page 148.
To determine if a frame is a VRAP frame, the VRAP filter in the classifier performs three checks:
•
VLAN check. The filter can be either VLAN unaware or VLAN aware
(ANA::VRAP_CFG.VRAP_VLAN_AWARE_ENA). If VLAN unaware, VRAP frames must be
untagged. If VLAN aware, VRAP frames must be VLAN tagged and the frame’s VID must match a
configured value (ANA::VRAP_CFG.VRAP_VID). Double VLAN tagged frames always fail this
check.
•
EtherType and EPID check. The EtherType must be 0x8880 and the EPID must be 0x0004 (bytes 0
and 1 after the EtherType).
•
VRAP header check. The VRAP header (bytes 0, 1, 2, and 3 after the EPID) must match a 32-bit
configured value (ANA::VRAP_HDR_DATA) where any bits can be don’t cared by a mask
(ANA::VRAP_HDR_MASK).
If all three checks are fulfilled, frames are redirected to CPU extraction queue
ANA::CPUQ_CFG2.CPUQ_VRAP.
The VRAP filter is enabled in ANA:PORT:CPU_FWD_CFG.
Table 32 •
Frame Type Definitions for CPU Forwarding
Frame
Condition
Copy/Redirect
BPDU frames.
Reserved Addresses
(IEEE 802.1D 7.12.6)
DMAC = 0x0180C2000000 to 0x0180C20000F (BPDUs
and various Slow protocols supporting spanning tree, link
aggregation, port authentication)
Redirect/Copy/Discard
Reserved ALLBRIDGE
address
DMAC = 0x0180C2000010
Redirect/Copy/Discard
GARP Application Addresses
(IEEE 802.1D 12.5)
DMAC = 0x0180C2000020 to 0x0180C200002F
Redirect/Copy/Discard
CCM/Link Trace Addresses
(IEEE P802.1ag)
DMAC = 0x0180C2000030 to 0x0180C200003F
Redirect/Copy/Discard
IGMP
DMAC = 0x01005E000000 to 0x01005E7FFFFF
EtherType = IPv4
IP Protocol = IGMP
Redirect
MLD
DMAC = 0x333300000000 to 0x3333FFFFFFFFF
EtherType = IPv6
IPv6 Next Header = 0
Hop-by-hop options header with the first option being a
Router Alert option with the MLD message (Option
Type = 5, Opt Data Len = 2, Option Data = 0).
Redirect
IPv4 Multicast Ctrl
DMAC = 0x01005E000000 to 0x01005E7FFFFF
EtherType = IPv4
IP protocol is not IGMP
IPv4 DIP inside 224.0.0.x
Copy
Source port
All frames received on enabled ingress port
Copy
All other frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com