Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 72Page - Microsemi Corporation VSC7511 Datasheet HTML 73Page - Microsemi Corporation VSC7511 Datasheet HTML 74Page - Microsemi Corporation VSC7511 Datasheet HTML 75Page - Microsemi Corporation VSC7511 Datasheet HTML 76Page - Microsemi Corporation VSC7511 Datasheet HTML 77Page - Microsemi Corporation VSC7511 Datasheet HTML 78Page - Microsemi Corporation VSC7511 Datasheet HTML 79Page - Microsemi Corporation VSC7511 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
61
•
Key: MAC_ETYPE, MAC_LLC, MAC_SNAP, ARP, IP4_OTHER, IP4_TCP_UDP, IP6_STD,
IP6_OTHER, IP6_TCP_UDP, OAM, CUSTOM, depending on frame type
•
Entry: Access Control Entry
•
Security enforcement, second lookup
•
VCAP: IS2
•
Key: MAC_ETYPE, MAC_LLC, MAC_SNAP, ARP, IP4_OTHER, IP4_TCP_UDP, IP6_STD,
IP6_OTHER, IP6_TCP_UDP, OAM, CUSTOM, depending on frame type
•
Entry: Access Control Entry
The egress lookup per destination port and associated VCAP is:
•
Egress tagging and frame manipulations
•
VCAP: ES0
•
Key: ES0
•
Entry: Egress Control Entry
The IP source guarding check is only carried out for IP frames.
CPU injected frames are subject to all the above VCAP lookups in IS1, IS2, and ES0.
With respect to IS1 and IS2, each frame is classified to one of seven overall VCAP frame types. The
frame type determines the information to extract from the frame and also which VCAP entries to match
against. The following table lists which frame types are used and which VCAP entries the frame types
are matched against in IS1 and IS2. Note The lookup in ES0 is independent of the frame type, and all
frames match against all entries in the TCAM.
Table 33 •
IS1 and IS2 VCAP Frame Types
Frame Type
Condition
IS1 Entries
IS2 Entries
IPv6 Frame
The Type/Len field is equal to 0x86DD.
The IP version is 6.
Special IPv6 frames:
•IPv6 TCP frame: Next header is TCP (0x6)
•IPv6 UDP frame: Next header is UDP
(0x11)
•IPv6 Other frame: Next header is neither
TCP nor UDP
Frame type flags:
ETYPE_LEN = 1
IP_SNAP = 1
IP4 = 0
TCP_UDP
TCP
IP6_TCP_UDP
IP6_OTHER
IP6_STD
IPv4 Frame
The Type/Len field is equal to 0x800.
The IP version is 4.
Special IPv4 frames:
•IPv4 TCP frame: IP protocol is TCP (0x6)
•IPv4 UDP frame: IP protocol is UDP (0x11)
•IPv4 Other frame: IP protocol is neither TCP
nor UDP
Frame type flags:
ETYPE_LEN = 1
IP_SNAP = 1
IP4 = 1
TCP_UDP
TCP
IP4_TCP_UDP
IP4_OTHER
(R)ARP Frame The Type/Len field is equal to 0x0806 (ARP)
or 0x8035 (RARP).
Frame type flags:
ETYPE_LEN = 1
IP_SNAP = 0
ARP
OAM Frame
The Type/Len field is equal to 0x8902,
0x8809, or 0x88EE.
In particular, the following protocol data units
use this EtherType:
•IEEE 802.1ag (CFM)
•IEEE 802.3 (EFM)
•ITU-T Y.1731 (ETH-OAM)
•MEF-16 (E-LMI)
Frame type flags:
ETYPE_LEN = 1
IP_SNAP = 0
OAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com