Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 20Page - Microsemi Corporation VSC7511 Datasheet HTML 21Page - Microsemi Corporation VSC7511 Datasheet HTML 22Page - Microsemi Corporation VSC7511 Datasheet HTML 23Page - Microsemi Corporation VSC7511 Datasheet HTML 24Page - Microsemi Corporation VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
9
The QoS class and DP level in the basic classification are based on the class of service information in
the frame’s VLAN tags (PCP and DEI) and/or the DSCP values from the IP header. Both IPv4 and IPv6
are supported. If the frame is non-IP or untagged, the port’s default QoS class and DP level are used.
The DSCP values can be remapped before being used for QoS. This is done using a common table
mapping the incoming DSCP to a new value. Remapping is enabled per port. In addition, for each DSCP
value, it is possible to specify whether the value is trusted for QoS purposes.
Each IP frame is also classified to an internal DSCP value. By default, this value is taken from the IP
header but it may be remapped using the common DSCP mapping table or rewritten based on the
assigned QoS class. The classified DSCP value may be written into the frame at egress – this is
programmable in the rewriter.
Aggregation Code The basic classification calculates an aggregation code, which is used to select
between ports that are member of a link aggregation group. The aggregation code is based on selected
Layer-2 through Layer-4 information, such as MAC addresses, IP addresses, IPv6 flow label, and
TCP/UDP port numbers. The aggregation code ensures that frames belonging to the same conversation
are using the same physical ports in a link aggregation group.
2.3.2.1
Advanced Classification
Following basic classification, Layer-2 and Layer-4 information is extracted from each frame and
matched against a TCAM, IS1, with one of the following six different IS1 keys:
•
NORMAL. Up to 128 entries with primary fields in key consisting of SMAC, outer VLAN tag, 32-bit
source IP address, IP protocol, TCP/UDP source and destination port
•
NORMAL_IP6. Up to 64 entries with primary fields in key consisting of SMAC, inner and outer VLAN
tags, 128-bit source IP address, IP protocol, TCP/UDP source and destination port
•
7TUPLE. Up to 64 entries with primary fields in key consisting of source and destination MAC
addresses, inner and outer VLAN tags, 64-bit source and destination IP addresses, IP protocol,
TCP/UDP source and destination port
•
5TUPLE_IP4. Up to 128 entries with primary fields in key consisting of inner and outer VLAN tags,
32-bit source and destination IP addresses, IP protocol, TCP/UDP source and destination port
•
5TUPLE_IP6. Up to 64 entries with primary fields in key consisting of inner and outer VLAN tags,
128-bit source and destination IP addresses, IP protocol, TCP/UDP source and destination port
•
S1_DBL_VID. Up to 256 entries with primary fields in key consisting of inner and outer VLAN tags
The TCAM embeds powerful protocol awareness for well-known protocols such as LLC, SNAP, IPv4,
IPv6, and UDP/TCP. For each frame, three keys are generated and matched against the TCAM. The
keys are selectable per ingress port per frame type (IPv4, IPv6, non-IP) per IS1 lookup.
The actions associated with each entry (programmed into the TCAM action RAM) include the ability to
overwrite or translate the classified VLAN, overwrite the priority code point (PCP) or the drop eligibility
indicator (DEI), overwrite the QoS class and DP level, or overwrite the DSCP value. Each of these
actions is enabled individually for each of the three lookup.
In addition, a policy association group (PAG) is assigned to the frame. The PAG identifies a security
profile to which the frame belongs. The PAG is used in the succeeding security frame processor, IS2, to
select which access control lists to apply to the frame. The PAG enables creating efficient ACLs that only
are applicable to frames with the same PAG.
A lookup in IS1 can enable the use of a custom lookup in IS2, the security enforcement TCAM. The
custom lookup can match against selectable frame fields from the incoming frame. In total, 40 bytes from
the frame are matched against the TCAM. This is a powerful future-proofing feature enabling handling of
new protocols.
2.3.3
Versatile Content Aware Processor (VCAP)
All frames are inspected by the VCAP IS2 before they are passed on to the Layer-2 forwarding. The
following illustration depicts VCAP security enforcement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com