Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 85 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 85 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 81Page - Microsemi Corporation VSC7511 Datasheet HTML 82Page - Microsemi Corporation VSC7511 Datasheet HTML 83Page - Microsemi Corporation VSC7511 Datasheet HTML 84Page - Microsemi Corporation VSC7511 Datasheet HTML 85Page - Microsemi Corporation VSC7511 Datasheet HTML 86Page - Microsemi Corporation VSC7511 Datasheet HTML 87Page - Microsemi Corporation VSC7511 Datasheet HTML 88Page - Microsemi Corporation VSC7511 Datasheet HTML 89Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
70
ETYPE
96
16
Overloaded field for different frame types:
LLC frame: ETYPE = [DSAP, SSAP]
SNAP frame: ETYPE = PID[4:3]
IPv4 or IPv6 TCP/UDP frame: ETYPE = DPORT
IPv4 or IPv6 Other frame: ETYPE = IP protocol
ARP or ETYPE frame: ETYPE = Frame’s EtherType.
Y.1731 OAM frames (EtherType = 0x8902): ETYPE[15:8] = 0x89.
ETYPE[7]: Set if the frames was injected with masquerading.
ETYPE[6:0]: Encodes the frame’s MEG level. For more
information, see OAM_MEL_FLAGS Table 54, page 85.
To indicate the overloading of the ETYPE field, OAM_Y1731 is set
to 1.
IP_SNAP
112
1
Frame type flag.
Set if frame is IPv4, IPv6, or SNAP frame.
IP4
113
1
Frame type flag.
Set if frame is IPv4 frame
Layer-3 Information
L3_FRAGMENT
114
1
Set if IPv4 frame is fragmented (More Fragments flag = 1 or
Fragments Offset > 0).
Layer 4 information cannot not be trusted.
L3_FRAG_OFS_GT0 115
1
Set if IPv4 frame is fragmented and it is not the first fragment
(Fragments Offset > 0).
Layer 4 information cannot not be trusted.
L3_OPTIONS
116
1
Set if IPv4 frame contains options (IP len > 5). IP options are not
skipped nor parsed.
Layer 4 information cannot not be trusted.
L3_DSCP
117
6
Frame’s DSCP value. The DSCP value may have been translated
during basic classification. See QoS, DP, and DSCP Classification,
page 53.
L3_IP4_SIP
123 32
Overloaded fields for different frame types:
LLC frame: L3_IP4_SIP = [CTRL, PAYLOAD[0:2]]
SNAP frame: L3_IP4_SIP = [PID[2:0], PAYLOAD[0]]
IPv4 or IPv6 frame: L3_IP4_SIP = source IP address, bits [31:0]
OAM, ARP or ETYPE frame: L3_IP4_SIP = PAYLOAD[0:3]
For IPv4 or IPv6 frames, use destination IP address if
VCAP_CFG.S1_DMAC_DIP_ENA is set for ingress port.
Layer-4 Information
TCP_UDP
155 1
Frame type flag.
Set if frame is IPv4/IPv6 TCP or UDP frame.
TCP
156 1
Frame type flag.
Set if frame is IPv4/IPv6 TCP frame.
L4_SPORT
157 16
TCP/UDP frame’s source port.
Table 39 •
Specific Fields for IS1 Half Key S1_NORMAL (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com