Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 92 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 92 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 88Page - Microsemi Corporation VSC7511 Datasheet HTML 89Page - Microsemi Corporation VSC7511 Datasheet HTML 90Page - Microsemi Corporation VSC7511 Datasheet HTML 91Page - Microsemi Corporation VSC7511 Datasheet HTML 92Page - Microsemi Corporation VSC7511 Datasheet HTML 93Page - Microsemi Corporation VSC7511 Datasheet HTML 94Page - Microsemi Corporation VSC7511 Datasheet HTML 95Page - Microsemi Corporation VSC7511 Datasheet HTML 96Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
77
Each lookup returns an action vector if there is a match. The potentially three IS1 action vectors are
applied in three steps. First, the action vector from the first lookup is applied, then the action vector from
the second lookup is applied to the result from the first action vector, and finally, the action vector from
the third lookup is applied to the result from the second action vector. This implies that if two or more
lookups return an action of DP_ENA = 1; for example, the DP_VAL from the last lookup is used.
The CUSTOM_ACE_TYPE_ENA action in IS1 enables the use of custom keys in IS2. Two different
custom keys are supported:
•
CUSTOM_IP: 40 bytes are extracted from the frame starting from byte-position 34. This position
corresponds to the first byte after the IPv4 header if the frame is IPv4. The 40 bytes are matched
against the CUSTOM entries in IS2.
•
CUSTOM_SMAC: 40 bytes are extracted from the frame starting from byte-position 12. This position
corresponds to the first byte after the source MAC address. The 40 bytes are matched against the
CUSTOM entries in IS2.
Note Up to two VLAN tags (two for double VLAN tagged frames and one for single VLAN tagged
frames) are removed from the frame before extracting the data.
VID_REPLACE_ENA
40
1
Controls the classified VID: VID_REPLACE_ENA=0:
Add VID_ADD_VAL to basic classified VID and use
result as new classified VID.
VID_REPLACE_ENA = 1: Replace basic classified VID
with VID_VAL value and use as new classified VID.
VID_ADD_VAL
41
12
See VID_REPLACE_ENA.
FID_SEL
53
2
Controls the Filter Identifier (FID) used when looking up
the MAC table.
0: Disabled: FID = classified VID prepended 0.
1: Use FID_VAL for SMAC lookup in MAC table.
2: Use FID_VAL for DMAC lookup in MAC table.
3: Use FID_VAL for DMAC and SMAC lookup in MAC
table.
FID_VAL
55
13
See FID_SEL.
PCP_DEI_ENA
68
1
If set, use PCP_VAL and DEI_VAL as classified PCP
and DEI values. Otherwise, PCP and DEI from basic
classification are used.
PCP_VAL
69
3
See PCP_DEI_ENA.
DEI_VAL
72
1
See PCP_DEI_ENA.
VLAN_POP_CNT_ENA
73
1
If set, use VLAN_POP_CNT as the number of VLAN
tags to pop from the incoming frame. This number is
used by the Rewriter. Otherwise, VLAN_POP_CNT from
ANA:PORT:VLAN_CFG.VLAN_POP_CNT is used.
VLAN_POP_CNT
74
2
See VLAN_POP_CNT_ENA.
CUSTOM_ACE_TYPE_ENA 76
4
Enables use of custom keys in IS2. Bits 3:2 control
second lookup in IS2 while bits 1:0 control first lookup.
Encoding per lookup:
0: Disabled.
1: Extract 40 bytes after position corresponding to the
location of the IPv4 header and use as key.
2: Extract 40 bytes after SMAC and use as key.
HIT_STICKY
80
1
If set, a frame has matched against the associated entry.
Table 45 •
IS1 Action Fields (continued)
Action Field
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com