Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation VSC7511 Datasheet HTML 34Page - Microsemi Corporation VSC7511 Datasheet HTML 35Page - Microsemi Corporation VSC7511 Datasheet HTML 36Page - Microsemi Corporation VSC7511 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
18
3.2.1.1
Reset
There are a number of resets in the port module. All of the resets can be set and cleared simultaneously.
By default, all blocks are in the reset state. With reference to register CLOCK_CFG, the resets are as
follows:
•
MAC_RX_RST: Reset of the MAC receiver
•
MAC_TX_RST: Reset of the MAC transmitter
•
PORT_RST: Reset of the ingress and egress queues
•
PCS_RX_RST: Reset of the PCS decoder
•
PCS_TX_RST: Reset of the PCS encoder
When changing the MAC configuration, the port must go through a reset cycle. This is done by writing
register CLOCK_CFG twice. On the first write, the reset bits are set. On the second write, the reset bits
are cleared. Bits that are not reset bits in CLOCK_CFG must keep their new value for both writes.
For more information about resetting a port, see Port Reset Procedure, page 221.
3.2.1.2
Port Mode Configuration
The MAC provides a number of handles for configuring the port mode. With reference to the
MAC_MODE_CFG, MAC_IFG_CFG, and MAC_ENA_CFG registers, the handles are as follows:
•
Duplex mode (FDX_ENA). Half or full duplex.
•
Data sampling (GIGA_MODE_ENA). Must be 1 in 1 Gbps and 2.5 Gbps and 0 in 10 Mbps and
100 Mbps.
•
Enabling transmission and reception of frames (TX_ENA/RX_ENA). Clearing RX_ENA stops the
reception of frames and further frames are discarded. An ongoing frame reception is interrupted.
Clearing TX_ENA stops the dequeuing of frames from the egress queues, which means that frames
are held back in the egress queues. An ongoing frame transmission is completed.
•
Tx-to-Tx inter-frame gap (TX_IFG)
The link speed is configured using CLOCK_CFG.LINK_SPEED with the following options.
•
Link speed (CLOCK_CFG.LINK_SPEED)
1 Gbps (125 MHz clock)
Ports 8 and 9: 1 Gbps or 2.5 Gbps (125 MHz or 312.5 MHz clock). The actual clock frequency
depends on the SerDes configuration.
100 Mbps (25 MHz clock)
10 Mbps (2.5 MHz clock)
3.2.1.3
Half Duplex
A number of special configuration options are available for half-duplex (HDX) mode:
•
Seed for back-off randomizer. Field MAC_HDX_CFG.SEED seeds the randomizer used by the
backoff algorithm. Use MAC_HDX_CFG.SEED_LOAD to load a new seed value.
DEV::MAC_TAGS_CFG
VLAN tag length configuration
Per port
DEV::MAC_ADV_CHK_CFG
Type length configuration
Per port
DEV::MAC_IFG_CFG
Interframe gap configuration
Per port
DEV::MAC_HDX_CFG
Half-duplex configuration
Per port
SYS::MAC_FC_CFG
Flow control configuration
Per port
DEV::MAC_FC_MAC_LOW_CFG
LSB of SMAC used in pause frames
Per port
DEV::MAC_FC_MAC_HIGH_CFG
MSB of SMAC used in pause frames
Per port
DEV::MAC_STICKY
Sticky bit recordings
Per port
Table 6 •
MAC Configuration Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com