Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 98Page - Microsemi Corporation VSC7511 Datasheet HTML 99Page - Microsemi Corporation VSC7511 Datasheet HTML 100Page - Microsemi Corporation VSC7511 Datasheet HTML 101Page - Microsemi Corporation VSC7511 Datasheet HTML 102Page - Microsemi Corporation VSC7511 Datasheet HTML 103Page - Microsemi Corporation VSC7511 Datasheet HTML 104Page - Microsemi Corporation VSC7511 Datasheet HTML 105Page - Microsemi Corporation VSC7511 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
87
L4_RNG
343
8
Range mask with one bit per range. A bit is set, if the
corresponding range is matched.
Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP.
Input to range checkers:
SPORT, DPORT: From frame
VID, DSCP: Classified result from IS1
See Range Checkers, page 94.
SPORT_EQ_DPORT
351
1
Set if UDP or TCP source port equals UDP or TCP
destination port.
SEQUENCE_EQ0
352
1
TCP: Set if TCP sequence number is 0.
PTP over UDP: messageType bit 0.
L4_FIN
353
1
TCP: TCP flag FIN.
PTP over UDP: messageType bit 1.
L4_SYN
354
1
TCP: TCP flag SYN.
PTP over UDP: messageType bit 2.
L4_RST
355
1
TCP: TCP flag RST.
PTP over UDP: messageType bit 3.
L4_PSH
356
1
TCP: TCP flag PSH.
PTP over UDP: flagField bit 1 (twoStepFlag).
L4_ACK
357
1
TCP: TCP flag ACK.
PTP over UDP: flagField bit 2 (unicastFlag).
L4_URG
358
1
TCP: TCP flag URG.
PTP over UDP: flagField bit 7 (reserved).
L4_1588_DOM
359
8
PTP over UDP: domainNumber.
L4_1588_VERSION
367
4
PTP over UDP: version
Table 57 •
IS2 IP6_OTHER Key
Field Name
Bit
Width
Description
Layer-3 Information
L3_TTL_GT0
44
1
Set if IP HOPLIMIT is greater than 0.
L3_TOS
45
8
IP TOS field.
L3_IP6_DIP
53
128
Destination IPv6 address.
L3_IP6_SIP
181
128
Source IPv6 address.
DIP_EQ_SIP
309
1
Set if source IP address is equal to destination IP
address.
L3_PROTO
310
8
IPv6 next header.
L3_PAYLOAD
318
56
Bytes 0-6 after IP header.
Table 58 •
IS2 CUSTOM Key
Field Name
Bit
Width
Description
Custom Information
Table 56 •
IS2 IP6_TCP_UDP Key (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com