Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 99Page - Microsemi Corporation VSC7511 Datasheet HTML 100Page - Microsemi Corporation VSC7511 Datasheet HTML 101Page - Microsemi Corporation VSC7511 Datasheet HTML 102Page - Microsemi Corporation VSC7511 Datasheet HTML 103Page - Microsemi Corporation VSC7511 Datasheet HTML 104Page - Microsemi Corporation VSC7511 Datasheet HTML 105Page - Microsemi Corporation VSC7511 Datasheet HTML 106Page - Microsemi Corporation VSC7511 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
88
3.8.3.1.1
IS2 Action Encoding
The VCAP generates an action vector from each of the two IS2 lookups for each frame.
The first IS2 lookup returns a default action vector per ingress port when no entries are matched, and the
second IS2 lookup returns a common default action vector when no entries are matched. There are no
difference between an actionvector from a match and a default action vector.
The following table lists the available fields for the action vector.
CUSTOM_TYPE
44
1
0: CUSTOM_IP - Custom data extracted from byte 34
(corresponds to the first byte after the IPv4 header if the
frame is IPv4).
1: CUSTOM_SMAC - Custom data extracted from byte
12 (first byte after SMAC).
Note that up to two VLAN tags are removed before
extracting the data.
CUSTOM
45
320
Custom extracted data.
Table 59 •
IS2 Action Fields
Action Field
Bit
Width
Description
HIT_ME_ONCE
0
1
Setting this bit to 1 causes the first frame that hits this action
where the HIT_CNT counter is zero to be copied to the CPU
extraction queue specified in CPU_QU_NUM. The HIT_CNT
counter is then incremented and any frames that hit this
action later are not copied to the CPU. To re-enable the
HIT_ME_ONCE functionality, the HIT_CNT counter must be
cleared.
CPU_COPY_ENA
1
1
Setting this bit to 1 causes all frames that hit this action to be
copied to the CPU extraction queue specified in
CPU_QU_NUM.
CPU_QU_NUM
2
3
Determines the CPU extraction queue that is used when a
frame is copied to the CPU due to a HIT_ME_ONCE or
CPU_COPY_ENA action.
MASK_MODE
5
2
Controls how PORT_MASK is applied.
0: No action from PORT_MASK.
1: Permit/deny (PORT_MASK AND’ed with destination set).
2: Policy forwarding (DMAC lookup replaced with
PORT_MASK).
3: Redirect (Previous forwarding decisions (classifier, IS1,
SRC, AGGR, VLAN, and DMAC lookup) are replaced with
PORT_MASK).
The CPU port is not touched by MASK_MODE.
MIRROR_ENA
7
1
Setting this bit to 1 causes frames to be mirrored to the mirror
target port (ANA::MIRRPORPORTS).
LRN_DIS
8
1
Setting this bit to 1 disables learning of frames hitting this
action.
POLICE_ENA
9
1
Setting this bit to 1 causes frames that hit this action to be
policed by the ACL policer specified in POLICE_IDX. Only
applies to the first lookup.
Table 58 •
IS2 CUSTOM Key (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com