Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 40Page - STMicroelectronics L99LD02 Datasheet HTML 41Page - STMicroelectronics L99LD02 Datasheet HTML 42Page - STMicroelectronics L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics L99LD02 Datasheet HTML 46Page - STMicroelectronics L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
44/66
DS12448 Rev 3
5.7.2
Status Register description
SR#1: Status Register 1
Address:
0x06h
Type:
R, R/C
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Unused
OVT TW2 TW1
R/CRR/C R
R
R
R/C
R/C
R
Table 26. SR#1: Status Register 1
Bit
Defaul
t
Name
Description
Acces
s
23÷21
Unused
20
0
OVT
Over temperature for Boost 1/2 (set when TJ ≥TTSD for
more than tOVT); if this bit is set:
– (a) in Active Mode: Both Boost 1/2 are latched OFF;
reset is performed by a R&C command, which will be
successful only if TJ < TW2. Then Boost is allowed to
turn on again.
– (b) in Limp Home, after setting an OVT, an auto restart
procedure is implemented: every tAUTORESTART OVT bit
is automatically cleared and, if TJ < TW2, then Boost 1/2
is allowed to turn on again, otherwise OVT bit is set
again.
R/C
19
0
TW2
Thermal warning 2 for Boost 1/2.
This bit is set if T
J  TW2. This is a read only and real time
bit.
When Boost 1 temperature decreases under a second
threshold (TJ < TW1), this bit is cleared.
R
18
0
TW1
Thermal warning 1 for Boost 1/2.
This bit is set if TJ  TW1. This is a read only and real time
bit.
When Boost 1 temperature decreases under a second
threshold (TJ < TW1 - TW1_HYS) this bit is cleared
R
17
0
VSPI_FAIL
External SPI supply
[0]: external SPI supply present
[1]: external SPI supply not present (VDD voltage lower
than VDD, UV). When this bit is set, device goes to Limp
Home
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com