Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics L99LD02 Datasheet HTML 46Page - STMicroelectronics L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
48/66
DS12448 Rev 3
Address:
0x03Fh
Type:
Read / Write allowed in NM only when CTM_TRIM_COD = 100 and EOT = 0
5.7.4
Customer test and trimming procedure description
General description
The writing procedure is performed connecting the two terminals of the anti-fuse capacitor
at 15 V and ground respectively. This is achieved by providing 15V on VS battery pin.
After this phase, the capacitor is burnt and behaves like a resistance; its value (the residual
resistance) strictly depends on the effectiveness of the burning procedure. During physical
reading operation, the residual resistance is compared with a fixed threshold. If the residual
resistance is greater than threshold a bit 0 is given, and the OTP cell is considered
unwritten, otherwise a bit 1 is given and the OTP cell is considered written. Blank check
reading is executed to verify that all anti-fuses are unwritten after fabrication, while margin
mode, usually performed immediately after the burning process, is used to verify if burned
cells are properly written.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765432
10
DEF_BST_SLP_CTRL
Reserved
Table 28. CT: Ctm Trimming Register 2
Bit
Default
Name
Comment
23÷21
000
CTM_TRIM_COD
Operation Code for Trimming Operation:
001 --> Standard Read
010 --> Margin Mode Read
011 --> Blank Check
100 --> Burn
111 --> End of Trimming
20÷19
00
DEF_BST_N_PHASE
18
0
DEF_MS
17÷16
00
DEF_BST_DIS
15÷10
000000
DEF_BST_SLP_CTRL
9÷8
00
DEF_BST_GM_OTA
7
0
DEF_BST_DIS_OTA
6
0
DEF_DITH_EN
5
0
EOT
End of Ctm Trimming
4÷1
0000
-
Reserved: empty
0
Parity Bit
ODD Parity Bit Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com