Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics L99LD02 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
DS12448 Rev 3
53/66
L99LD02
Electrical specifications
64
6.4.2
Boost controller
IS
VS operating current
Device in active mode
Boost active in open loop
VDD = 5 V
VS = 13.5 V
VBST_OUT = 25 V
BST_FREQ= 100 kHz
22
mA
V3V3
Output Voltage of 3V3
LDO
Vs > 4V
Iload= 1mA;
C3V3 = 1µF
3.2
3.3
3.4
V
I3V3_LIM
Current capability of
3V3 LDO
Vs = 13.5V
V3V3 pin forced to 2.5V
40
mA
VPOR,H
Power-on reset high
state
Ramp on V3V3 from 2.8 V to 2 V
2.35
2.7
V
VPOR,HYST
Power-on reset
hysteresis
0.035
V
Table 34. Supply (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 35. Boost gate driver
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tG0x
Gate driver output rise
and fall time
VS = 13.5 V CG0x = 4.7 nF
VGS_G0x rising from 10% ÷ 90%
100
ns
VS = 13.5 V; CG0x = 4.7 nF
VGS_G0x falling from 90% ÷
10%
100
ns
VGOx_H
Gate driver High output
voltage
0.9 * V10V
V10V
V
VGOx_L
Gate driver Low output
voltage
0.3
V
RONHS
High−side switch
impedance
VS = 13.5 V
VDD = 5 V
VSN = 0 V
Iload = 100 mA 
(current sunk from GOx pin)
2.5
5.2
Ω
RONLS
Low−side switch
impedance
VS = 13.5 V
VDD = 5 V
VSN = 0 V
Iload = 100 mA 
(current sourced from GOx pin)
0.7
1.6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com