Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
DS12448 Rev 3
51/66
L99LD02
Electrical specifications
64
6.2
ESD protection
6.3
Thermal data
Table 31. ESD protection
Parameter
Value
Unit
Electrostatic Discharge Test (AECQ100-002-E) all pins
+/-2
kV
Electrostatic Discharge Test (AECQ100-002-E) all output pins
+/-4
kV
Charge Device Model (CDM-AEC-Q100-011) all pins
+/-500
V
Charge Device Model (CDM-AEC-Q100-011) corner pins
+/-750
V
Table 32. QFN 32L (5x5) thermal resistance
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-amb (1)
1. Device mounted on 2s2p four layers PCB (thermally enhanced, slug included).
Thermal resistance junction to ambient (JEDEC
JESD 51-2)
—34
—
°C/W
Rthj-board
Thermal resistance junction to board (JEDEC
JESD 51-8)
—12.6
—
°C/W
Rthj-case
Junction-to-case thermal resistance
—
7.6
—
°C/W
Table 33. Thermal characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TJ_OP
Operating junction temperature
-40
150
°C
TW1
Junction temperature warning 1
116
130
142
°C
TW1_HYS
Temperature warning 1 hysteresis
30
°C
TW2
Junction temperature warning 2
126
140
153
°C
TW2_HYS
Temperature warning 2 hysteresis
10
°C
TTSD
Junction thermal shutdown
157
168
181
°C
TTSD_HYS Junction thermal shutdown hysteresis
28
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com