Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 41Page - STMicroelectronics L99LD02 Datasheet HTML 42Page - STMicroelectronics L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics L99LD02 Datasheet HTML 46Page - STMicroelectronics L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
DS12448 Rev 3
45/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
16÷15
00
WD_STATUS
Watchdog status bit
WD timer status:
00 --> [0…25%]
01 --> [25% … 50%]
10 --> [50% … 75%]
11 --> [75% … 100%]
R
14
0
WD_FAIL
Watchdog failure bit:
[0]: Watchdog OK;
[1]: Watchdog failure in Active Mode
When this bit is set, device goes to Limp Home
R/C
13
0
VS_UV_FAIL
VS undervoltage bit
[0]: VS > VS,UV + VS,UV _HYS OR BST_OUT_SUPPLY = 1
[1]: VS ≤ VS,UV AND BST_OUT_SUPPLY = 0
R
12
Unused
11
0
BST_OUT_SUPPLY
The supply voltage of 10V regulator has changed from VS
to BST_OUT
[0]: VS > VS,LV+ VS,LV _HYS (VS,LV=0) OR BST_OUT<15V
[1]: VS ≤ VS,LV (VS,LV=1) AND BST_OUT ≥ 15V
R
10÷9
00
Unused
8
0
N_PWR_GOOD
This bit reflects the status of signal boost power good
(negative)
[0]: Output Boost voltage higher than or equal to 92.5% of
its target value
[1]: Output Boost voltage lower than 92.5% of its target
value
N_PWR_GOOD is not set when BST_DIS = 1
R
70
BST_OVP
Boost Over Voltage Protection.
This bit is set when VFB > VFB_OV_ON for more than
tBST_OVP, while is reset when VFB < VFB_OV_OFF for more
than tBST_OVP_RST
IF BST_DIS = 1 then BST_OVP is not set.
IF BST_OUT_FAIL = 1 then BST_OVP is not set.
R
Table 26. SR#1: Status Register 1 (continued)
Bit
Defaul
t
Name
Description
Acces
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com