Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics L99LD02 Datasheet HTML 57Page - STMicroelectronics L99LD02 Datasheet HTML 58Page - STMicroelectronics L99LD02 Datasheet HTML 59Page - STMicroelectronics L99LD02 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Electrical specifications
L99LD02
56/66
DS12448 Rev 3
GM_OTA
Error amplifier trans-
conductance gain
Vs = 13.5 V
VDD = 5 V
Ramp on
BST_OUT pin
VCOMP = 1.65 V
[0,0]
200
µS
[0,1]
400
[1,0]
600
[1,1]
800
ICOMP
Error Amplifier trans
conductance output current
Sourcing current
into COMP pin;
BST_OUT pin
foating
VS = 13.5 V
VCOMP = 1.5 V
[0,0]
60
µA
[0,1]
120
[1,0]
180
[1,1]
240
Sinking current
from COMP pin;
BST_OUT pin
foating
VS = 13.5 V
VCOMP = 1.5 V
[0,0]
-60
[0,1]
-120
[1,0]
-180
[1,1]
-240
GLA
Gain of linear amplifier
VS = 13.5 V 
VSP1, VSP2 = 200 mV
VSN1, VSN2 = 0 V
6V/V
ISLOPEx
Slope compensation
current value injected to
SPx pin
Vs = 13.5 V
VDD = 5 V
VBST_OUT = 25 V
BST_FREQ = 100 KHz
VSP1, VSP2 = 0 V
RSLOPE = 4.4 kΩ
5.7
A/s
RSLOPE
Integrated configurable
slope compensation
resistance
BST_SLP_CTRL [000000]
0.36
0.47
0.8
kΩ
BST_SLP_CTRL [111111]
11.35
13.4
18.5
BST_SLP_CTRL step
0.2
Vcomp_min(1)
Minimum value for boost
output regulation
Vs = 13.5 V
VDD = 5 V
Boost active in closed loop
Ramp on BST_OUT from 80 V to
14.7 V
Load on BST_OUT = 136 Ω
BST_FREQ = 303 KHz
RSLOPE = 3 kΩ
GM_OTA = 200 µS
2.6
mV
Table 36. Boost controller (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com