Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 31Page - STMicroelectronics L99LD02 Datasheet HTML 32Page - STMicroelectronics L99LD02 Datasheet HTML 33Page - STMicroelectronics L99LD02 Datasheet HTML 34Page - STMicroelectronics L99LD02 Datasheet HTML 35Page - STMicroelectronics L99LD02 Datasheet HTML 36Page - STMicroelectronics L99LD02 Datasheet HTML 37Page - STMicroelectronics L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
DS12448 Rev 3
35/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
5.3.2
Device application registers
The Device Application Registers are all registers accessible using OpCode ‘00’, ‘01’ and
‘10’.
An access to an unused address will not lead to any error. Any data read from an unused
address is not defined.
5.4
Protocol failure detection
To realize a protocol which fulfills certain failsafe requirements, a basic set of failure
detection mechanisms is implemented.
5.4.1
Clock monitor
During communication (CSN low to high phase) a clock monitor counts the valid SCK clock
edges. If the SCK edges do not correlate with the SPI Data Length, an SPIE is reported with
the next command and the current communication is rejected.
By accessing the Device Information Registers (OpCode = ‘11’), the Clock Monitor is set to
a minimum of 16 SCK edges plus a multiple of 8 (e.g. 16, 24, 32).
Providing no SCK edge during a CSN low to high phase is not recognized as an SPIE.
5.4.2
SCK polarity (CPOL) check
To detect wrong polarity access on SCK, the internal clock monitor is used. Providing first a
negative edge on SCK during communication (CSN low to high phase) or a positive edge at
last will lead to an SPI Error being reported in the next communication and the current data
is rejected.
5.4.3
SCK phase (CPHA) check
To verify that the SCK phase of the SPI master is set correctly a special Device Information
Register is implemented. By reading this register the data must be 55H. In case AAH is
read, the CPHA setting of the SPI master is wrong and a proper communication cannot be
guaranteed.
5.4.4
CSN timeout
By pulling CSN low, the SDO is set active and leaves the tri-state condition. To ensure
communication between other SPI devices within the same bus even in case of CSN stuck
at low, a CSN timeout is implemented. By pulling CSN low, an internal timer is started. After
the timer end is reached, the current communication is rejected and the SDO is set to tri-
state condition. This error is not reported in any specific status register.
5.4.5
Data stuck
SDI stuck at GND
As a command with all data bits set to ‘0’ and OpCode ‘00’ on address b’000000 cannot
be distinguished from an SDI stuck-at-GND error, this command is not allowed. In case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com