Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 32Page - STMicroelectronics L99LD02 Datasheet HTML 33Page - STMicroelectronics L99LD02 Datasheet HTML 34Page - STMicroelectronics L99LD02 Datasheet HTML 35Page - STMicroelectronics L99LD02 Datasheet HTML 36Page - STMicroelectronics L99LD02 Datasheet HTML 37Page - STMicroelectronics L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics L99LD02 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
36/66
DS12448 Rev 3
a stuck-at-GND error is detected, the communication will be rejected and the SPIE will
be set in the next communication cycle.
SDI stuck at HIGH
As a command with all data bits set to ‘1’ and OpCode ‘11’ on address b’111111 cannot
be distinguished from an SDI stuck-at-HIGH error, this command is not allowed. In
case a stuck-at-HIGH error is detected, the communication will be rejected and the
SPIE will be set in the next communication cycle.
SDO stuck
SDO stuck-at-GND and stuck-at-HIGH errors have to be detected by the SPI master.
As the definition of the GSB guarantees at least one bit toggle, a GSB with all bits set to
‘0’ or with all bits set to ‘1’ can be considered as an SDO stuck-at error.
5.5
Implementation remarks
5.5.1
Register change during communication
From an implementation point of view, it is guaranteed that no register change gets lost
during communication. In case a register value was changed during a communication, it will
be reported with the next communication frame.
5.5.2
GSB and payload inconsistency
Due to the internal implementation strategy, it may occur that data reported in the GSB does
not match data reported in the payload in case the data was changed during GSB shift out.
In this case, the payload data is the status quo, as it was loaded later into the SPI shift
register.
5.6
Timings
All SPI related timings are defined in Section 6.4.4: SPI bus (CSN, SCK, SDI, SDO).
5.7
Register description
5.7.1
Control Register
CR#1: Control Register 1
Address:
0x01h
Type:
R/W
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765432
10
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com