Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 11Page - STMicroelectronics L99LD02 Datasheet HTML 12Page - STMicroelectronics L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics L99LD02 Datasheet HTML 18Page - STMicroelectronics L99LD02 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
DS12448 Rev 3
15/66
L99LD02
Boost controller
64
3.6
Soft start
The L99LD02 features an internal soft start function, which gradually increases the boost
current in 9 steps, in order to avoid a voltage overshoot of the boost output. The threshold of
the current limitation reaches its nominal value after a specified soft start time (tSS).
A soft-start phase is initiated at the activation of the boost controller:
after leaving standby mode;
after deactivation of the boost controller due to a VS under voltage;
after a previous deactivation of the boost by SPI (see CR#3 Bit[2:1], BST_DIS in
Table 24: CR#3: Control Register 3);
after deactivation of the boost controllers due to a BST_OUT_FAIL;
after deactivation of the boost controllers due to OVT.
3.7
Stability – Error Amplifier characteristics
Slope compensation is needed to ensure loop stability with all possible values of duty cycle:
D = TON / T (0 < D < 1) especially when duty cycle is greater than 0.5. The slope of the
additional ramp is proportional to converter inductor current slope during the turn off phase.
The L99LD02 generates an internal peak current value, ISLOPE, which is added to the
positive sensing signal at the output of the OTA (see the following figure).
Figure 4. Resistor ladder for slope compensation and input current limitation
To avoid the use of external slope compensation resistor, thus limiting the coupling noise on
the sense positive path, the compensation ramp slope of each boost controller can be
configured by 6 bits (see Bit [23÷18], BST_SLP_CTRL, in Table 23: CR#2: Control Register
2) in the range [from 0.45 to 13.05] kΩ with a granularity step of 0.2 kΩ.
To keep the same compensation loop in multi-phase operation (same gain / phase-margin /
band-width), without any hardware change, the OTA gain value can be configurable in 4
steps according to Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com