Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics L99LD02 Datasheet HTML 18Page - STMicroelectronics L99LD02 Datasheet HTML 19Page - STMicroelectronics L99LD02 Datasheet HTML 20Page - STMicroelectronics L99LD02 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
DS12448 Rev 3
17/66
L99LD02
Boost controller
64
Figure 5. 1 or 2 phase configuration with single L99LD02 device
In case of 3 or 4 phase mode, two devices are needed with SYNC_I/O, BST_COMP and
BST_OUT pins connected together as shown in Figure 8: 3 or 4 phase configuration with
two L99LD02 devices. One of the devices must be configured as a master and other device
as a slave by a dedicated configuration bit.
Figure 6. Clock distribution and phase shift
In master mode, an internal oscillator is used. The switching frequency is configurable via
SPI by 3 bits. The clock signal is distributed in both boost channels and SYNC_I/O pin
(output) with configurable phase shift according to the desired number of phases – see
Table 4: Clock distribution – MASTER (internal clock source).
In slave mode, the device uses an external clock signal from SYNC_I/O pin (input mode).
This signal is used for boost channel 1 (no phase shift) and channel 2 (180˚ phase shift) –
see Table 5.
CLK1
CLK2
SYNC_OUT
Boost 1
Boost 2
SYNC_IN
SYNC_I/O
MASTER/SLAVE (1 bit)
Phase (2 bits)
Clock source
(SLAVE)
(MASTER)
BST_FREQ (3 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com