Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics L99LD02 Datasheet HTML 57Page - STMicroelectronics L99LD02 Datasheet HTML 58Page - STMicroelectronics L99LD02 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
DS12448 Rev 3
55/66
L99LD02
Electrical specifications
64
VBST_OCP_LIM [00]
Boost shunt threshold
voltage for current
limitation.
VBST_OUT = 25 V
VSN = 0 V
[0,0]
Ramp on SP
from 25 mV to
75 mV in 5ms
50
mV
Accuracy
-28
28
%
VBST_OCP_LIM [01]
[0,1]
Ramp on SP
from 55 mV to
105 mV in
5ms
85
mV
Accuracy
-15
15
%
VBST_OCP_LIM [10]
[1,0]
Ramp on SP
from 95 mV to
145 mV in
5ms
115
mV
Accuracy
-12
12
%
VBST_OCP_LIM [11]
[1,1]
Ramp on SP
from 125 mV
to 175 mV in
5ms
150
mV
Accuracy
-10
10
%
tON_BOOST_MIN
Minimum boost on-time
Vs = 13.5 V
VDD = 5 V
Boost active in open loop
BST_FREQ set to [111]
VSP1, VSP2 = 0.3 V
VSN1, VSN2 = 0 V
VCOMP = 0 V
250
340
ns
tOFF_BOOST_MIN Minimum boost off-time
Vs = 13.5 V
VDD = 5 V
Boost active in open loop
BST_FREQ set to [111]
VSP1, VSP2 = 0 V
VSN1, VSN2 = 0 V
VCOMP = 3 V
200
ns
DBOOST_MAX
Boost maximum duty cycle
95
%
tSS
Soft start duration
Guaranteed by scan and
frequency oscillator (20 MHz,
typical)
8ms
Table 36. Boost controller (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com