Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 27Page - STMicroelectronics L99LD02 Datasheet HTML 28Page - STMicroelectronics L99LD02 Datasheet HTML 29Page - STMicroelectronics L99LD02 Datasheet HTML 30Page - STMicroelectronics L99LD02 Datasheet HTML 31Page - STMicroelectronics L99LD02 Datasheet HTML 32Page - STMicroelectronics L99LD02 Datasheet HTML 33Page - STMicroelectronics L99LD02 Datasheet HTML 34Page - STMicroelectronics L99LD02 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
DS12448 Rev 3
31/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
The Global Status Byte is described here below.
The Payload (DATA Byte 0,1 & 2) is the data transferred from the slave device with every
SPI communication to the microcontroller. The Payload always follows the OpCode and the
Address bit of the actual shifted in data (In-Frame-Response).
Table 14. Global Status Byte
Global Status Byte
Bit
31
30
29
28
27
26
25
24
Name
GSBN
RSTB
SPIE
FE2
FE1
DE
GW
FS
Table 15. Data byte2
Data byte2
Bit
13
22
21
20
19
18
17
16
Name
D23
D22
D21
D20
D19
D18
D17
D16
Table 16. Data byte1
Data byte1
Bit
15
14
13
12
11
10
9
8
Name
D15
D14
D13
D12
D11
D10
D9
D8
Table 17. Data byte0
Data byte0
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
Table 18. Global Status Byte
Bit
Name
Description
31
GSBN
Global Status Bit Not
This bit is a NOR combination of the remaining bits of this register:
RSTB nor SPIE nor FE2 nor FE1 nor DE nor GW nor FS
30
RSTB
Reset Bit
The RSTB indicates a device reset. In case this bit is set, all internal Control
Registers are set to default and kept in that state until the bit is cleared.
29
SPIE
SPI Error
The SPIE is a logical OR combination of errors related to a wrong SPI
communication (SDI stuck, wrong number of clock, parity check error)
28
FE2
Functional Error 2
VS_UV_FAIL
27
FE1
Functional Error 1
OVT or BST_OUT_FAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com