Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics L99LD02 Datasheet HTML 46Page - STMicroelectronics L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
DS12448 Rev 3
47/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
5.7.3
Customer trimming registers
Address:
0x03Eh
Type:
Read / Write allowed in NM only when CTM_TRIM_COD = 100 and EOT = 0
20
N_COMP2_LEVEL_REAC
H
Timeout of internal peak current comparator of Boost2,
COMP2 LEVEL not reached Status bit
[0]: Cleared when COMP2 level reached for 10
consecutive switching cycles
[1]: When COMP2 level not reached for 10 consecutive
switching cycles
R
10
N_COMP1_LEVEL_REAC
H
Timeout of internal peak current comparator of Boost1,
COMP1 LEVEL not reached Status bit
[0]: Cleared when COMP1 level reached for 10
consecutive switching cycles
[1]: When COMP1 level not reached for 10 consecutive
switching cycles
R
0
Parity Bit
ODD Parity Bit Check
Table 26. SR#1: Status Register 1 (continued)
Bit
Defaul
t
Name
Description
Acces
s
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
765432
10
DEF_BST_OUT
DEF_BST_FREQ
Reserved
Table 27. CT: Ctm Trimming Register 1
Bit
Default
Name
Comment
23÷21
000
CTM_TRIM_COD
Operation Code for Trimming Operation:
001 --> Standard Read
010 --> Margin Mode Read
011 --> Blank Check
100 --> Burn
111 --> End of Trimming
20÷14
0000000
DEF_BST_OUT
13÷12
00
DEF_BST_OCP_LIM
11÷9
000
DEF_BST_FREQ
8÷7
00
DEF_BST_FMOD
6÷5
00
DEF_BST_FDEV
4÷1
0000
-
Reserved: empty
0
Parity Bit
ODD Parity Bit Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com