Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 6Page - STMicroelectronics L99LD02 Datasheet HTML 7Page - STMicroelectronics L99LD02 Datasheet HTML 8Page - STMicroelectronics L99LD02 Datasheet HTML 9Page - STMicroelectronics L99LD02 Datasheet HTML 10Page - STMicroelectronics L99LD02 Datasheet HTML 11Page - STMicroelectronics L99LD02 Datasheet HTML 12Page - STMicroelectronics L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Introduction
L99LD02
10/66
DS12448 Rev 3
Table 1. Pin functionality
Pin Number
Name
Function
2VS
Input supply pin of the IC.
Connect to the battery voltage through a Schottky diode.
3TM
Internal Function. Drive this line from fail safe logic or directly with
microcontroller I/O pin.
This pin can be used for stand-by mode activation in Limp Home.
4COMP
Output of the error amplifier of the boost controller. Connect the compensation
network between this pin and GND.
5,6
V3V3A, V3V3D
(Note 1)
Output of the 3.3 V regulated internal supply (logic supply).
Connect a low ESR capacitor (1uF) close to this pin.
7
SGND
Signal Ground connection.
10
SYNC_I/O
Boost synchronization Input / Output pin.
This pin generates the clock signal for synchronizing another L99LD02 in multi-
phase configuration.
11
CSN
Chip Select Not (active low) for SPI communication. It is the selection pin of the
device. It is a CMOS compatible input.
12
SDI
Serial Data Input for SPI communication. Data is transferred serially into the
device on SCLK rising edge.
13
SCK
Serial Clock for SPI communication. It is a CMOS compatible input.
14
SDO
Serial Data Output for SPI communication. Data is transferred serially out of
the device on SCLK falling edge.
15
VDD
Connection to external 3.3V or 5V supplies voltage.
The external supply powers SPI interface and the I/O signal pins to the
microcontroller.
18
SP2
Positive connection to the boost shunt resistor 2, in series to the boost
switching mosfet.
19
SN2
Negative connection (Ground) to the boost shunt resistor 2, in series to the
boost switching mosfet.
20
TMUX
Internal function. Left open.
21
G02
Output of the gate driver 2 for the external the boost switching mosfet.
22
PGND
Power Ground connection.
23
G01
Output of the gate driver 1 for the external the boost switching mosfet.
26
V10V
Output of the 10V regulated internal supply (gate driver supply).
Connect low ESR capacitor (1uF typical) close to this pin.
27
SN1
Negative connection (Ground) to the boost shunt resistor 1, in series to the
boost switching mosfet.
28
SP1
Positive connection to the boost shunt resistor 1, in series to the boost
switching mosfet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com