Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 12Page - STMicroelectronics L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics L99LD02 Datasheet HTML 18Page - STMicroelectronics L99LD02 Datasheet HTML 19Page - STMicroelectronics L99LD02 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Boost controller
L99LD02
16/66
DS12448 Rev 3
Both slope compensation and OTA gain are configurable via SPI (see CR#2 Bit[15:14],
BST_GM_OTA in Table 23: CR#2: Control Register 2) or through dedicated OTPs (for
stand-alone operation). Moreover, the OTA can be disabled through dedicated bit / OTP
(see CR#2 Bit[17], BST_DIS_OTA in Table 23: CR#2: Control Register 2).
Homogeneous power losses distribution in multi-phases is guaranteed thanks to design
specific measures ensuring the lowest spread for key-parameters like linear amplifier gain
and offset (GLA and GLA_OFFSET), slope compensation current (ISLOPE) and voltage on
COMP pin (VCOMP).
3.8
Operation in multiphase interleaved mode
The multiphase operation mode is needed in case of high output power requirement. The
maximum output power per phase in front of LED applications is typically 35W considering a
cost effective design. This limitation is mainly given by power losses and thermal
constraints. By sharing the current between several phases, the conduction losses (which
are proportional to the square of the conducted current) are reduced and the efficiency of
the boost stage increases, in comparison to a single-phase. Another advantage of
multiphase topology is higher effective switching frequency and lower ripple currents which
significantly reduces the filtering effort on input and output side. In ideal case of 50% duty
cycle in 2-phase mode (respectively 33.3% in 3-phase or 25% in 4-phase), the input ripple
current is reduced down to zero.
The L99LD02 can be configured in 1, 2, 3 or 4 phase mode. The 1 or 2 phase mode can be
realized with one device as shown in Figure 5: 1 or 2 phase configuration with single
L99LD02 device.
Table 3. OTA gain configuration
BITs [1÷0]
BST_GM_OTA [µS]
00
200
01
400
10
600
11
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com