Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 37Page - STMicroelectronics L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics L99LD02 Datasheet HTML 40Page - STMicroelectronics L99LD02 Datasheet HTML 41Page - STMicroelectronics L99LD02 Datasheet HTML 42Page - STMicroelectronics L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
DS12448 Rev 3
41/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
7÷5
DEF_BST_FREQ(011)
BST_FREQ
Boost clock frequency
The switching frequency is configurable in 8 steps:
000 --> 101.01 kHz
001 --> 151.52 kHz
010 --> 196.08 kHz
011 --> 256.41 kHz
100 --> 303.03 kHz
101 --> 333.33 kHz
110 --> 416.67 kHz
111 --> 476.19 kHz
4÷3
Set by OTP
DEF_BST_N_PHASE
BST_N_PHASE
Boost phase selection during Master mode
[00] : two phase mode (0/180);
Boost1=0;
Boost2=180;
sync_out=0;
[01] : three phase mode(0,120,240)
Boost1=0;
Boost2=120;
sync_out=240;
[10] : four phase mode(0,90,180,270)
Boost1=0;
Boost2=180;
sync_out=90;
Boost phase selection during Slave mode
[00] : two phase mode (0/180);
sync_in=0;
Boost1= sync_in=0;
Boost2=not sync_in=180;
[01] : three phase mode(0,120,240)
sync_in=240;
Boost1= sync_in=240;
Boost2 is disabled;
[10] : four phase mode(0,90,180,270)
sync_in=90;
Boost1= sync_in=90;
Boost2=not sync_in=270;
Table 24. CR#3: Control Register 3 (continued)
Bit
Default
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com