Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 36Page - STMicroelectronics L99LD02 Datasheet HTML 37Page - STMicroelectronics L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics L99LD02 Datasheet HTML 40Page - STMicroelectronics L99LD02 Datasheet HTML 41Page - STMicroelectronics L99LD02 Datasheet HTML 42Page - STMicroelectronics L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
40/66
DS12448 Rev 3
CR#3: Control Register 3
Address:
0x03h
Type:
R/W
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Unused
BST_OUT_FAIL_FilterTime
BST_FREQ
Table 24. CR#3: Control Register 3
Bit
Default
Name
Description
23÷16
Unused
15÷13
DEF_BOF_FT(000)
BST_OUT_FAIL_FilterTim
e
Filtering time before setting the boost output failure
bit. It takes effect after boost_power_good signal is
“1” for the first time
The boost out fail filtering time shall be
configurable in 8 steps:
000 --> 500µs
001 --> 10µs
010 --> 50µs
011 --> 100µs
100 --> 300µs
101 --> 800µs
110 --> 1000µs
111 --> 2000µs
12
DEF_DITH_EN(0)
DITH_EN
Dithering enable: enable or disable random dither
effect.
If this bit is set Dithering is enabled;
If the bit is reset, the dithering is disabled
11÷10
DEF_BST_FDEV(00)
BST_FDEV
Boost clock frequency deviation
The clock frequency deviation shall be
configurable in 4 steps:
00 --> 5%
01 --> 10%
10 --> 15%
11 --> 20%
9÷8
DEF_BST_FMOD(11)
BST_FMOD
Boost clock frequency modulation
The clock frequency modulation shall be
configurable in 4 steps:
00 --> 1.95 kHz
01 --> 3.90 kHz
10 --> 7.80 kHz
11 --> 15.6 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com