Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 33Page - STMicroelectronics L99LD02 Datasheet HTML 34Page - STMicroelectronics L99LD02 Datasheet HTML 35Page - STMicroelectronics L99LD02 Datasheet HTML 36Page - STMicroelectronics L99LD02 Datasheet HTML 37Page - STMicroelectronics L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics L99LD02 Datasheet HTML 40Page - STMicroelectronics L99LD02 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
DS12448 Rev 3
37/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
Table 22. CR#1: Control Register 1
Bit
Default
Name
Description
23
0
CTM_CLK_EN
CTM_CLK_EN can be set to 1 only if UNLOCK = 1; trying to
set this bit to 1 when UNLOCK = 0 will have no effects and it
will maintain its previous value.
CTM_CLK_EN can be reset to 0 also when UNLOCK = 0.
To set CTM_CLK_EN to 1, it is necessary to send two
consecutive SPI frames, as follows:
1st SPI write operation to set UNLOCK bit to 1 (CR#1, bit1)
2nd SPI write operation to set CTM_CLK_EN bit to 1
22÷2
Unused
10
UNLOCK
[0]: bits GOSTBY, EN and BST_DIS cannot be set to 1 but can
be reset;
[1]: bits GOSTBY, EN and BST_DIS can be set to 1, but only
with the next valid SPI frame.
When UNLOCK = 1, it will be automatically reset with the next
valid SPI frame.
0
Parity Bit
Odd Parity Bit Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com