Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 46Page - STMicroelectronics L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
Electrical specifications
L99LD02
50/66
DS12448 Rev 3
6
Electrical specifications
6.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 30 may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 30. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Battery supply voltage
-0.3 to 40
V
V10V
10 V Voltage regulator capacitor
output
VS<20V
-0.3 to VS+0.3
V
VS ≥ 20V
-0.3 to 20
V3V3A,
V3V3D
3V3 voltage regulator capacitor output
-0.3 to 4.6
V
SYNC_I/O
Boost synchronization I/O pin
-0.3 to V3V3 +0.3
V
VDD
Supply voltage of the SPI interface
-0.3 to 6.5
V
CSN, SDI,
SCK
SPI pins voltage
-0.3 to 6.5 + 0.3
V
SDO
SPI pins voltage
-0.3 to VDD + 0.3
V
G01, G02
Boost gate drivers pin voltage
-0.3 to V10V + 0.3
V
SP1, SP2
Boost sense positive and negative pins voltage
-0.3 ÷ 1
V
COMP
Boost compensation network pin voltage
-0.3 ÷ V3V3 + 0.3
V
BST_OUT
Boost output voltage pin
-0.3 to 85
V
SGND, SN1,
SN2
Signal Ground pin
PGND
Power Ground pin
TM
Test mode high voltage input
-0.3 to 20
V
TMUX
Test mode output
-0.3 ÷ V3V3 + 0.3
Tj
Junction operating temperature range
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com