Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 24Page - STMicroelectronics L99LD02 Datasheet HTML 25Page - STMicroelectronics L99LD02 Datasheet HTML 26Page - STMicroelectronics L99LD02 Datasheet HTML 27Page - STMicroelectronics L99LD02 Datasheet HTML 28Page - STMicroelectronics L99LD02 Datasheet HTML 29Page - STMicroelectronics L99LD02 Datasheet HTML 30Page - STMicroelectronics L99LD02 Datasheet HTML 31Page - STMicroelectronics L99LD02 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
28/66
DS12448 Rev 3
5
Serial peripheral interface (ST SPI standard)
The ST-SPI is a standard used in ST Automotive ASSP devices. Therefore the here
standardized SPI is described from SPI-Slave-Device point of view: a common structure of
the communication frames and specific addresses for product and status information are
defined.
The ST-SPI will allow usage of generic software to operate the devices while maintaining
the required flexibility to adapt it to the individual functionality of a particular product. In
addition to that, failsafe mechanisms are implemented to protect the communication from
external influences and wrong or unwanted usage.
5.1
Physical layer - Functional description
Figure 10. Physical layer
This device features a 32-bit ST SPI in slave configuration for bi-directional communication
with an external microcontroller. This device supports burst read access and shall be
operated in the following mode: CPOL = 0 and CPHA = 0.
For this mode, input data is sampled on the rising edge of the clock signal SCK and output
data is changed on the falling edge of SCK.
During standby mode, the SPI interface is deactivated.
Signal Description:
Chip Select Not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the
output pin (SDO) will be in high-impedance state. In case CSN is stuck at GND, a
timeout is implemented which sets the SDO line back to high-impedance to release the
μC
SPI Master
L99LD02
SPI Slave
CSN
SCK
SDI
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com