Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics L99LD02 Datasheet HTML 18Page - STMicroelectronics L99LD02 Datasheet HTML 19Page - STMicroelectronics L99LD02 Datasheet HTML 20Page - STMicroelectronics L99LD02 Datasheet HTML 21Page - STMicroelectronics L99LD02 Datasheet HTML 22Page - STMicroelectronics L99LD02 Datasheet HTML 23Page - STMicroelectronics L99LD02 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Boost controller
L99LD02
20/66
DS12448 Rev 3
Table 6. Clock distribution - MASTER (internal clock source)
SPI configuration
Master device
Slave device
MS (1 bit)
0
1
BST_N_PHASE (2 bits)
3 or 4 phase
Any value (this setting has no effect
in slave mode)
BST_GM_OTA (2 bits)
According to application
conditions
(see Section 3.7: Stability –
Error Amplifier characteristics)
Disabled
Enable is also allowed – then the
resulting Gm value is a sum of Gm
values of both devices. However, in
case the slave device is disabled
(e.g. due to lower output power
demand) the Gm of only master
device becomes too low with given
compensation network. This would
results in much lower regulation loop
bandwidth than it could be. Then,
another SPI command for increasing
master’s Gm value might be
needed.
BST_SLP_CTRL (6 bits)
According to application
conditions
(see Section 3.7: Stability –
Error Amplifier characteristics)
Identical as master
(is a must for equal current
balancing)
BST_OCP_LIM (2 bits)
According to application
conditions
(see CR#2 Bit[13:12],
BST_OCP_LIM in Table 23:
CR#2: Control Register 2)
Identical as master
(for consistent overcurrent
protection level)
BST_OUT (7 bits)
According to requested output
voltage
Identical as master
(for consistent overvoltage
diagnostic feedback, power good
flag and correct output voltage in
case of slave’s OTA kept enabled)
BST_DIS (2 bit)
Phase 1, Phase 2 enabled
(see CR#3 Bit[2:1], BST_DIS
in Table 24: CR#3: Control
Register 3)
3-phase configuration: Phase 1
enabled, Phase 2 disabled
4-phase configuration: Phase 1,
Phase 2 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com