Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics L99LD02 Datasheet HTML 57Page - STMicroelectronics L99LD02 Datasheet HTML 58Page - STMicroelectronics L99LD02 Datasheet HTML 59Page - STMicroelectronics L99LD02 Datasheet HTML 60Page - STMicroelectronics L99LD02 Datasheet HTML 61Page - STMicroelectronics L99LD02 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
Electrical specifications
L99LD02
58/66
DS12448 Rev 3
6.4.3
System Oscillator and Digital Timings
Digital timings guaranteed by scan. WD and auto-restart timings limits added to give
indication on application cases.
6.4.4
SPI bus (CSN, SCK, SDI, SDO)
Table 38. Digital timings description
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tWD
Watchdog timeout period
45
50
55
ms
tCSN_TIMEOUT
CSN timeout
90
115
140
ms
tAUTORESTART
Autorestart time in Limp Home
mode
45
50
55
ms
tVS,UV
VS undervoltage filter time
32
µs
tVDD_FT
VDD Filtering Time
32
µs
tWAKEUP
Time for a complete wake up
(V3V3 > VPOR_L)
CSN low for t > tWAKEUP
Cap on V3V3 = 1µF
V3V3 > 3V
129
µs
tSTDBY
Time needed for a transition to
standby mode (V3V3 < VPOR_L)
CSN high for t > tSTDBY
Cap on V3V3 = 1µF
V3V3 < 2.5V
1ms
tOVT
Filtering time for overtemperature
(OVT bit will be set if Tj > TTSD for
more than tOVT)
1.2
µs
tBST_OVP
BST_OVP flag set filtering time
32
µs
tBST_OVP_RST
BST_OVP flag reset filtering time
10
ms
tBOOST_OUT_FAIL
BST_OUT_FAIL flag set filtering
time
1.6
µs
tTM_LOW
Time needed for a transition to pre-
standby mode (V3V3 > VPOR_L)
200
µs
Table 39. CSN, SCK, SDI input
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIN_L
Input voltage low threshold
0.3 * V3V3
V
VIN_H
Input voltage high threshold
0.7 * V3V3
V3V3
V
IIN_L, SDI,SCK
Low level input current
VIN = 0.3 * V3V3
1µA
IIN_L, CSN
-10
µA
IIN_H, SDI,SCK
High level input current
VIN = 0.7 * V3V3
10
µA
IIN_H, CSN
-1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com