Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 22Page - STMicroelectronics L99LD02 Datasheet HTML 23Page - STMicroelectronics L99LD02 Datasheet HTML 24Page - STMicroelectronics L99LD02 Datasheet HTML 25Page - STMicroelectronics L99LD02 Datasheet HTML 26Page - STMicroelectronics L99LD02 Datasheet HTML 27Page - STMicroelectronics L99LD02 Datasheet HTML 28Page - STMicroelectronics L99LD02 Datasheet HTML 29Page - STMicroelectronics L99LD02 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Functional description
L99LD02
26/66
DS12448 Rev 3
4.2
Protections and diagnostic
4.2.1
Temperature warning
The device integrates a temperature warning TW with two thresholds TW1 and TW2.
If the Tj (junction temperature) of the boost controllers rises above TW1 or TW2, the status
bit TWx (x=1 or x=2 stands for the TW1 or TW2) is set on the status registers (see bit <18>
and bit <19> on Table 26: SR#1: Status Register 1). Thermal warning is also reported in the
Global Status Byte register, and in particular, bit 25 (GW) is set.
If the Tj drops below the temperature warning reset threshold 1 (TW1-TW1_HYS),
respectively TW2 – TW2_HYS, the corresponding status bit is automatically reset. As long as
the Tj does not exceed the over temperature shutdown, the device does not latch off the
boost controllers, even if a temperature warning is detected.
Note that, powering the device via the BST_OUT will produce an extra power dissipation
which must be taken into account during the thermal design.
In case the device is supplied from BST_OUT pin, a flag called BST_OUT_SUPPLY is
provided to inform the application. If the junction temperature rises above TW (thermal
warning) threshold, the application can decide to decrease power losses on gate driver
V10V regulator (switching off 1 boost phase or decreasing boost switching frequency),
minimizing the risk of undesired thermal shutdown.
4.2.2
Overcurrent
On top of the normal current regulation loop comparator, the L99LD02 integrates an
additional comparator to clamp the maximum physical current that can flow in the booster
input circuit while the MOSFET is driven. The aim is to protect all the external components
involved (inductor from saturation, diode and MOSFET from overcurrent…).
The protection is active PWM cycle−by−cycle and switches off the MOSFET gate as the
voltage drop across the shunt resistor reaches its maximum threshold (BST_OCP_LIM).
This threshold can be set by SPI / OTPs according to Table 8.
4.2.3
Over-temperature shutdown
If the junction temperature rises above the shutdown temperature TTSD, an over-
temperature event (OVT) is detected. The boost controllers are switched off and the
corresponding bit OVT is set in the status register (see bit <20> on Table 26: SR#1: Status
Register 1). Over-temperature event is also reported in the Global Status Byte register and
Table 8. Boost threshold for input current limitation
BITs [1÷0]
BST_OCP_LIM [mV]
00
50
01
85
10
115
11
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com