Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 9Page - STMicroelectronics L99LD02 Datasheet HTML 10Page - STMicroelectronics L99LD02 Datasheet HTML 11Page - STMicroelectronics L99LD02 Datasheet HTML 12Page - STMicroelectronics L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DS12448 Rev 3
13/66
L99LD02
Boost controller
64
3
Boost controller
3.1
General description
The L99LD02 device is able to work both with a microcontroller and without it (stand-alone
operation).
The device integrates two boost controllers, based on a fixed frequency, peak current mode
architecture. It can drive the gates of up to two external n-channel MOSFETs in order to step
up the VS input voltage to a higher stabilized output voltage.
The L99LD02 integrates a 10V LDO to supply the gate drivers for standard level MOSFETs
and features a device supply option from boost output.
This features is implemented in order to avoid any operation of the external MOSFETs of the
boost controller in linear mode, due to a too low gate driver supply. On top of that, with
supply option from boost output, the device fulfills cold cranking requirements.
3.2
Switching frequency
The L99LD02 operates at a fixed frequency which can range from 100 kHz to 470 kHz. The
switching frequency is configurable via SPI (see CR#3 Bit[7:5], BST_FREQ in Table 24:
CR#3: Control Register 3) or through dedicated OTPs (for stand-alone configuration).
Boost operative switching frequency value can be set according to Table 2:
The L99LD02 features an internal dither oscillator. Frequency modulation as well as
deviation percentage can be programmed through SPI (see CR#3 Bit[11:10] BST_FDEV,
Bit[9:8] BST_FMOD in Table 24: CR#3: Control Register 3).
3.3
Output voltage
The boost output voltage (BST_OUT) can vary in the range [14.7÷80] V with a granularity of
7 bits.
Table 2. Switching frequency configuration
BITs [3÷0]
BST_FREQ [kHz]
000
101.01
001
151.52
010
196.08
011
256.41
100
303.03
101
333.33
110
416.67
111
476.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com