Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 42Page - STMicroelectronics L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics L99LD02 Datasheet HTML 46Page - STMicroelectronics L99LD02 Datasheet HTML 47Page - STMicroelectronics L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
46/66
DS12448 Rev 3
6
0
BST_OUT_FAIL
BST_OUT pin failure.
This bit is set when BST_OUT pin is floating or shorted to
ground.
When this bit is set:
- if Boost is in off-state, then it will not be allowed to start
up;
- if Boost is in on-state, then it will immediately switched
OFF;
- in both cases, no clock is delivered through SYNC_IO
pin;
- in Limp Home, COMP pin will be pulled down.
IF BST_DIS =1, BST_OUT_FAIL bit will not be set.
When BST_OUT_FAIL = 1, Boost is disabled until a read
and clear command of this bit has been acknowledged.
In Limp Home, an auto restart procedure cyclically clears
BST_OUT_FAIL bit with a period equal to tAUTORESTART.
R/C
50
Unused
4
0
BST2_OCP_LIM
Overcurrent limit status bit
[0]: BST2_OCP_LIM limit is not reached or continuous
time is less than 2ms.
[1]: If BST2_OCP_LIM limit is reached during a filtering
time of typically 2ms.
– Once BST2_OCP_LIM is reached for the first time an
internal flag is set.
– This internal flag is re-evaluated cycle by cycle and is
going to be reset upon the condition that three
consecutive switching cycles have not reached
BST2_OCP_LIM threshold.
– If the internal flag is still set after elapse of typically 2ms
filtering time, the BST2_OCP_LIM status bit accessible
in the diagnostic status registers is set and latched.
R/C
3
0
BST1_OCP_LIM
Overcurrent limit status bit
[0]: BST1_OCP_LIM limit is not reached or continuous
time is less than 2ms.
[1]: If BST1_OCP_LIM limit is reached during a filtering
time of typically 2ms.
– Once BST1_OCP_LIM is reached for the first time an
internal flag is set.
– This internal flag is re-evaluated cycle by cycle and is
going to be reset upon the condition that three
consecutive switching cycles have not reached
BST1_OCP_LIM threshold.
– If the internal flag is still set after elapse of typically 2ms
filtering time, the BST1_OCP_LIM status bit accessible
in the diagnostic status registers is set and latched.
R/C
Table 26. SR#1: Status Register 1 (continued)
Bit
Defaul
t
Name
Description
Acces
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com