Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 25Page - STMicroelectronics L99LD02 Datasheet HTML 26Page - STMicroelectronics L99LD02 Datasheet HTML 27Page - STMicroelectronics L99LD02 Datasheet HTML 28Page - STMicroelectronics L99LD02 Datasheet HTML 29Page - STMicroelectronics L99LD02 Datasheet HTML 30Page - STMicroelectronics L99LD02 Datasheet HTML 31Page - STMicroelectronics L99LD02 Datasheet HTML 32Page - STMicroelectronics L99LD02 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
DS12448 Rev 3
29/66
L99LD02
Serial peripheral interface (ST SPI standard)
64
SPI network. A low signal activates the output driver and a serial communication can
be started. The state during CSN = 0 is called a communication frame.
Serial Data In (SDI)
The input pin is used to transfer data serially into the device. The data applied to SDI
will be sampled on the rising edge of the SCK signal and shifted into an internal 32-bit
shift register. On the rising edge of the CSN signal, the contents of the shift register will
be transferred to the Data Input Register.
Only communication frames with 0 (read GSBN bit), 24 (standard communication
frame), or 24 + (n * 16) (burst read/write) clock pulses are accepted. All others will be
ignored and a communication error will be reported with the next SPI command.
Serial Data Out (SDO)
The data output driver is activated by a logic low level at the CSN input. After a falling
edge of the CSN pin, the SDO pin will leave the tri-state condition and present the
GSBN bit. At all following falling edges of the SCK signal, the following bits of the SPI
frame are shifted out to the SDO pin.
Serial Clock (SCK)
The SCK input is used to synchronize the input and output serial bit streams. The data
input (SDI) is sampled on the rising edge of the SCK and the data output (SDO) will
change with the falling edge of the SCK signal. The SPI can be driven with a SCK
frequency up to 4 MHz.
5.2
Physical layer – protocol
5.2.1
SDI frame
The data-in frame consists of 32 bits (OpCode + Address + Data).
The first two transmitted bits contain the Operation Code which represents the instruction to
be performed. The following 6 bits represent the address on which the operation will be
performed.
The subsequent 24 bits contain the payload data.
Table 9. Command byte (8 bit)
Operating code
Address
Bit
31
30
29282726
25
24
Name
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 10. Data byte 2
Data byte 2
Bit
2322212019
18
1716
Name
D23
D22
D21
D20
D19
D18
D17
D16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com