Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 19Page - STMicroelectronics L99LD02 Datasheet HTML 20Page - STMicroelectronics L99LD02 Datasheet HTML 21Page - STMicroelectronics L99LD02 Datasheet HTML 22Page - STMicroelectronics L99LD02 Datasheet HTML 23Page - STMicroelectronics L99LD02 Datasheet HTML 24Page - STMicroelectronics L99LD02 Datasheet HTML 25Page - STMicroelectronics L99LD02 Datasheet HTML 26Page - STMicroelectronics L99LD02 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
DS12448 Rev 3
23/66
L99LD02
Functional description
64
4.1.1
Standby mode
The pre-requisites for this mode are:
Device in power down
Device in Pre-Standby mode
The device enters Standby mode under the following conditions:
By default, once the device is powered (VS present);
CSN High for more than tSTDBY
The Standby mode characteristics are:
V3V3 < VPOR
VDD and VS low consumption
SPI inactive
The device leaves this mode if:
CSN Low for a time t > tWAKEUP
Limp Home – 400 ns after Reset mode
– SPI sequence to enter
Active mode:
– UNLOCK = 1
– (EN,GOSTBY) = (1,0)
– SPI sequence to enter
Pre-Standby mode:
UNLOCK = 1
(EN,GOSTBY) = (1,0)
OR
– TM = Low for tTM_LOW
– Boost enabled
– Device operation
according to OTP
settings
– SPI active
Active mode
SPI sequence:
UNLOCK = 1 (EN,GOSTBY) = (1,0)
– VDD under voltage
– WD failure
– SPI sequence
(EN,GOSTBY) = (0,0)
– SPI sequence
UNLOCK = 1
(EN,GOSTBY) = (1,1)
– SPI sequence to enter
Pre-Standby mode:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
– Boost enabled
– SPI is active
– Device operating
according to SPI
control register
settings
Table 7. Operating modes (continued)
Operating
mode
Entering conditions
Leaving condition
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com