Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 8Page - STMicroelectronics L99LD02 Datasheet HTML 9Page - STMicroelectronics L99LD02 Datasheet HTML 10Page - STMicroelectronics L99LD02 Datasheet HTML 11Page - STMicroelectronics L99LD02 Datasheet HTML 12Page - STMicroelectronics L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Supply concept
L99LD02
12/66
DS12448 Rev 3
2
Supply concept
The L99LD02 supply range is from 3V up to 28V, which guarantees compatibility with 12V
systems. The device is normally supplied from VS pin; when battery level is not enough to
guarantee well driven external MOSFETs, the device supply is switched to BST_OUT pin.
The device supply is from:
VS, in the range of Vs_sw up to Vsmax;
BST_OUT when Vs < Vs_sw and Bst_out > Bst_Out_min (15V typical).
Vs_sw is determined from minimum gate driver voltage (7V typical) and voltage drop
between Vs and gate driver output. Vsmax is 40V to be compatible with 12V system load
dump.
This supply concept guarantees boost functionality during cranking, according to ISO16750-
2 and LV124. The L99LD02 output voltage regulation in cranking is ensured according to
the following formula:
Bst_Out = Vin * ƞ * 1 / (Toff_min * Fsw)
where Vin is the minimum boost input voltage during cold cranking condition (3.2V), ƞ is
L99LD02 typical efficiency, Toff_min is the minimum off time value specified for the full spec
range, Fsw is the operative switching frequency of the device.
In cold cranking, boost operation and protection functions are kept. The output power is
limited only by adjusted input current limit and converter Toff_min, whilst, full functionality -
without any limitation - is ensured from VS ≥ Vs_min (minimum operating supply voltage,
5.5V typical).
VS under-voltage shutdown function is implemented to avoid an operation of the external
mosfet of the boost controller in linear mode, due to a too low gate driver supply. In case the
VS falls below VS under-voltage threshold (Vs_uv), while device is not supplied from
BST_OUT (BST_OUT < BST_OUT_MIN), the device disables the boost operation. Configu-
ration, operating mode and diagnostic data are kept down to POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com