Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 28Page - STMicroelectronics L99LD02 Datasheet HTML 29Page - STMicroelectronics L99LD02 Datasheet HTML 30Page - STMicroelectronics L99LD02 Datasheet HTML 31Page - STMicroelectronics L99LD02 Datasheet HTML 32Page - STMicroelectronics L99LD02 Datasheet HTML 33Page - STMicroelectronics L99LD02 Datasheet HTML 34Page - STMicroelectronics L99LD02 Datasheet HTML 35Page - STMicroelectronics L99LD02 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
32/66
DS12448 Rev 3
5.3
Address and data definition
5.3.1
Device Information Register
The Device Information Register can be read by using OpCode ‘11’. After shifting out the
GSB, the 8-bit wide payload will be transmitted. After shifting out the GSB followed by the 8-
bit wide payload, a series of ‘0’ is shifted out at the SDO pin.
26
DE
Device error
N_PWR_GOOD or BST_OVP
25
GW
Global warning:
TW1 or TW2
24
FS
Fail safe:
If this bit is set, device is in Limp Home
Table 18. Global Status Byte (continued)
Bit
Name
Description
Table 19. Device information read access operating code
Operating code
OC1
OC0
11
Table 20. RAM Memory Map
Address
Name
Access
Content
01h
Control Register 1
R/W
CR#1: 1st Control Register
02h
Control Register 2
R/W
CR#2: 2nd Control Register
03h
Control Register 3
R/W
CR#3: 3rd Control Register
04h
Control Register 4
R/W
CR#4: 4th Control Register
06h
Status Register 1
R/C
SR#1: 1st Status Register
3Eh
Ctm Trimming
Register1
R/W
(W only when EOT
bit = 0)
CT: Customer Trimming Register1
3Fh
Ctm Trimming
Register2
R/W
(W only when EOT
bit = 0)
CT: Customer Trimming Register2
3Fh
Advanced
Operation Code
Clear
A R&C operation to this address causes all
status registers to be cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com