Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 1 Page - STMicroelectronics

  L99LD02 Datasheet HTML 1Page - STMicroelectronics L99LD02 Datasheet HTML 2Page - STMicroelectronics L99LD02 Datasheet HTML 3Page - STMicroelectronics L99LD02 Datasheet HTML 4Page - STMicroelectronics L99LD02 Datasheet HTML 5Page - STMicroelectronics L99LD02 Datasheet HTML 6Page - STMicroelectronics L99LD02 Datasheet HTML 7Page - STMicroelectronics L99LD02 Datasheet HTML 8Page - STMicroelectronics L99LD02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
This is information on a product in full production.
January 2020
DS12448 Rev 3
1/66
L99LD02
Automotive dual-phase boost DC/DC controller
Datasheet
- production data
Features
 AEC-Q100 qualified
 General
– 32-bit ST SPI communication v 4.1
– Stand-alone operation supported
– QFN32L 5x5 with exposed pad
– Timeout watchdog and Limp Home function
 Boost section
– Wide input range: 3V to 28V operation
– Device supply option from boost output
– Adjustable boost output voltage - up to 80V
– 10V Gate Driver supply for Standard-Level
MOSFETs
– Internal 10V LDO regulator
– Fixed frequency architecture -
programmable by SPI
– Dither oscillator parameters as frequency
modulation and deviation percentage -
programmable by SPI
– Peak current mode control with
programmable Input Current Limitation
– Constant voltage regulation
– Adjustable Slope Compensation
– Soft start
– Multi-phase operation - up to 4-phase
supported
– SYNC I/O pin for multi-phase operation
support
– Adjustable clock distribution and phase
shift
– Programmable error amplifier gain
– Fully configurable in Limp Home
 Protection and diagnostic
– Boost functionality guaranteed in Cold
Cranking
– Input overcurrent protection -
programmable by SPI
– Thermal warning
– Thermal shutdown
– Overvoltage protection (OVP)
Applications
LED module applications.
Description
The L99LD02 is a two-phase, constant frequency,
current mode boost controller able to drive N-
channel power MOSFETs.
Multi-phase operation is supported by SYNC I/O
pin, providing the phase shifted clock signal. The
boost controllers of more devices can be stacked,
in order to operate in multi-phase for high power
applications. Multi-phase operation reduces
system filtering capacitance and inductance
requirements.
The operating frequency is configurable via SPI
between 100kHz and 470kHz. Other features
include an internal 10V LDO for the gate drivers,
soft-start, device supply option from boost output
and pre-configurable operation in Limp Home.
www.st.com


Similar Part No. - L99LD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99LD01 STMICROELECTRONICS-L99LD01 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99LD01 STMICROELECTRONICS-L99LD01 Datasheet
1,001Kb / 69P
High efficiency constant current LED driver for automotive applications
25-Jun-2015
More results

Similar Description - L99LD02

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1408 SEMTECH-SC1408 Datasheet
157Kb / 12P
LOW VOLTAGE, BOOST DC-DC CONTROLLER
SC1408 SEMTECH-SC1408_05 Datasheet
225Kb / 12P
Low Voltage, Boost DC-DC Controller
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Rohm
BD9615MUV-LB ROHM-BD9615MUV-LB Datasheet
2Mb / 33P
1ch Boost DC/DC Controller
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
PWM Boost DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM5309 HMSEMI-HM5309 Datasheet
468Kb / 9P
PFM boost DC-DC controller
logo
QX Micro Devices Co.,Lt...
QX2305 QXMD-QX2305 Datasheet
523Kb / 2P
PFM boost DC-DC controller
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com