Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 34Page - STMicroelectronics L99LD02 Datasheet HTML 35Page - STMicroelectronics L99LD02 Datasheet HTML 36Page - STMicroelectronics L99LD02 Datasheet HTML 37Page - STMicroelectronics L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics L99LD02 Datasheet HTML 40Page - STMicroelectronics L99LD02 Datasheet HTML 41Page - STMicroelectronics L99LD02 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
38/66
DS12448 Rev 3
CR#2: Control Register
2
Address:
0x02h
Type:
R/W
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765432
10
BST_SLP_CTRL
BST_OUT
Table 23. CR#2: Control Register 2
Bit
Default
Name
Description
23÷18
Set by OTP
DEF_BST_SLP_CTRL
BST_SLP_CTRL Boost stability – Slope Compensation Control
17
Set by OTP
DEF_BST_DIS_OTA
BST_DIS_OTA
BST_DIS_OTA can be set to 1 only if UNLOCK = 1; trying
to set this bit to 1 when UNLOCK = 0 will have no effects
and it will maintain its previous value.
BST_DIS_OTA can be reset to 0 also when UNLOCK = 0.
To disable Boost it is necessary to send two consecutive
SPI frames as follows:
1st SPI Register write: set UNLOCK bit to 1
2nd SPI Register write: set BST_DIS_OTA to dedicate
value;
16
Unused
15÷14
Set by OTP
DEF_BST_GM_OTA
BST_GM_OTA
Boost OTA gain shall be configurable in four steps:
11 --> typ. 800µS
10 --> typ. 600µS
01 --> typ. 400µS
00 --> typ. 200µS
13÷ 12
Set by OTP
DEF_BST_OCP_LIM
BST_OCP_LIM
Boost OCP limiter
The maximum drop voltage across boost shunt resistor
shall be configurable in four steps
11 --> 150mV
10 --> 115mV
01 --> 85mV
00 --> 50mV
11 ÷ 5
Set by OTP
DEF_BST_OUT
BST_OUT
Boost Output Voltage
0000000 --> 14.7V
…
1111111 --> 80V
Each step voltage is 0.51V
4
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com