Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 10Page - STMicroelectronics L99LD02 Datasheet HTML 11Page - STMicroelectronics L99LD02 Datasheet HTML 12Page - STMicroelectronics L99LD02 Datasheet HTML 13Page - STMicroelectronics L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics L99LD02 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Boost controller
L99LD02
14/66
DS12448 Rev 3
The voltage range and the granularity are defined to give flexibility because of internal
output divider: the control loop regulates the output voltage on BST_OUT pin looking to the
internal feedback voltage.
Device output voltage is configurable via SPI (see CR#2 Bit[11:5], BST_OUT in Table 23:
CR#2: Control Register 2) or through dedicated OTPs (for stand-alone configuration).
3.4
Overvoltage protection
The peak current mode requires a minimum on-time, because of the noise generated right
after the turn-on of the switching MOSFET. At light load (very low output current), this
minimum on-time, in combination with the selected switching frequency is no longer able to
regulate the output voltage to the requested voltage. The device enters in overvoltage
protection (OVP), in order to prevent an excessive rise of the boost output voltage above the
target voltage.
This mode is activated when the voltage on BST_OUT pin is higher than the selected of a
specified threshold value (VBST_OUT_OV_ON).
The switching activity is resumed as soon as the voltage on BST_OUT pin decreases to the
selected one. In case of BST_OUT voltage increases above VBST_OUT_OV_ON, an
output digital flag, called BST_OVP, is set. As soon as the output voltage decreases down to
programmed target value (BST_OUT [xxxxxx]), the bit is reset after tBST_OVP_RST delay time
(10ms typical). This delay time is implemented in order to eliminate the diagnostic ambiguity
(toggling of the OVP flag) during permanent no load or light load operation.
BST_OVP bit is not set in case of boost disabled.
3.5
Output failure protection
The L99LD02 is protected in case of boost controller output voltage pin failure. More in
detail, a specific bit, called BST_OUT_FAIL (see SR#1 Bit[6], BST_OUT_FAIL in Table 26:
SR#1: Status Register 1), is set in case of output voltage pin (BST_OUT) pin is left floating
or shorted to ground.
This bit is set:
If device is OFF, boost controllers do not start;
If device is ON in
single/dual phase configuration, boost controllers are immediately switched OFF;
If device is ON in three/four phases configuration and it is in Active mode: both
Master/Salve devices are switched off when the failure is recognized on Master side;
only Slave device is switched off when the failure is recognized on Slave side while the
Master is managed by the microcontroller;
If device is ON in three/four phases configuration and it is in Limp Home: both
Master/Salve devices are switched off when the failure is recognized on Master side;
only Slave device is switched off when the failure is recognized on Slave side, while the
Master is forced to work at minimum duty cycle.
The reset of BST_OUT failure bit is demanded to the microcontroller (in Active mode) or to
an auto-restart function (in Limp Home) that cyclically clears this bit with a period equal to
tAUTORESTART.
This bit is not set if BST_DIS bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com