Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics L99LD02 Datasheet HTML 57Page - STMicroelectronics L99LD02 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Electrical specifications
L99LD02
54/66
DS12448 Rev 3
VBST_OUT_min
Minimum boost output
voltage
VS = 13.5 V
VDD = 5 V
Boost active in open loop
VBST_OUT = 80 V
SP1, SP2 pins floating
VSN1, VSN2 = 0 V
14
14.7
15.2
V
VBST_OUT_max
Maximum boost output
voltage
77.4
80
82.3
V
VBST_OUT_step Boost output voltage step
0.35
0.51
0.7
V
V10V,VS
Output voltage of 10V
LDO from Vs
VS = 13.5 V
CV10V = 1 µF 
Iload = 1 mA
9.7
10
10.3
V
V10V,BST_OUT
Output voltage of 10V
LDO from Bst_Out
VBST_OUT = 25 V
CV10V = 1 µF 
Iload = 1 mA
9.7
10
10.3
V
V10V_DROP
Min voltage drop of 10V
LDO respect to VS:
V10V_DROP = (VS – V10V)
VS = 10 V
I(V10V) = -1 mA
40
200
mV
I10V,LIM (1)
Current capability of 10V
LDO from Vs input
VS = 13.5 V
V10V forced to GND
TROOM
0.09
A
1. I10V,LIM = Qtgate x Fboost_sw (external MOSFET total gate charge multiplied by boost switching frequency).
Table 35. Boost gate driver (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 36. Boost controller
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FBOOST_SW_MAX
Boost maximum operative
switching frequency
VS = 13.5 V
VDD = 5 V
VSP1, VSP2 = 0.3 V
VSN1, VSN2 = 0 V
VCOMP = 0 V
470
kHz
FBOOST_SW_MIN
Boost minimum operative
switching frequency
VS = 13.5 V
VDD = 5 V
VSP1, VSP2 = 0.3 V
VSN1, VSN2 = 0 V
VCOMP = 0 V
100
kHz
FBOOST_ACC
Boost Switching Frequency
accuracy
-8
8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com