Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 14Page - STMicroelectronics L99LD02 Datasheet HTML 15Page - STMicroelectronics L99LD02 Datasheet HTML 16Page - STMicroelectronics L99LD02 Datasheet HTML 17Page - STMicroelectronics L99LD02 Datasheet HTML 18Page - STMicroelectronics L99LD02 Datasheet HTML 19Page - STMicroelectronics L99LD02 Datasheet HTML 20Page - STMicroelectronics L99LD02 Datasheet HTML 21Page - STMicroelectronics L99LD02 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Boost controller
L99LD02
18/66
DS12448 Rev 3
Figure 7. Clock distribution scheme for 3 and 4 phase boost
Table 4. Clock distribution – MASTER (internal clock source)
MASTER
Phase config (2 bits)
Signal
2 phase
3 phase
4 phase
CLK1
0°
0°
0°
CLK2
180°
120°
180°
SYNC_OUT
0°
240°
90°
Table 5. Clock distribution – SLAVE (external clock source)
SLAVE
Phase config (2 bits)
Signal
2 phase
3 phase
4 phase
SYNC_IN
0°
0°
0°
CLK1
0°
0°
0°
CLK2
180°
180° (unused)
180°
Boost 1
Boost 2
Boost 1
Boost 2
SYNC_IO
SYNC_IO
0º
120º
240º
60º
240º
L99LD02 - MASTER
L99LD02 - SLAVE
Phase 1
Phase 2
Phase 3
Unused
3-Phase
Boost 1
Boost 2
Boost 1
Boost 2
SYNC_IO
SYNC_IO
0º
180º
90º
270º
90º
L99LD02 - MASTER
L99LD02 - SLAVE
Phase 1
Phase 3
Phase 2
Phase 4
4-Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com