Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 48Page - STMicroelectronics L99LD02 Datasheet HTML 49Page - STMicroelectronics L99LD02 Datasheet HTML 50Page - STMicroelectronics L99LD02 Datasheet HTML 51Page - STMicroelectronics L99LD02 Datasheet HTML 52Page - STMicroelectronics L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Electrical specifications
L99LD02
52/66
DS12448 Rev 3
6.4
Electrical characteristics
5.5 V < VS < 28 V, -40 °C < Tj < 150 °C, unless otherwise specified.
The device is still operative and functional at higher temperatures (up to 175°C).
Note:
Parameter limits at temperatures higher than 150°C may change respect to what is
specified as per the standard temperature range.
Device functionality at high temperature is guaranteed by characterization.
6.4.1
Supply
Table 34. Supply
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
Digital I/O supply
voltage
3.0
5.5
V
VDD,UV
VDD under voltage
VS = 13.5 V, 
VDD = 5 V 
Ramp on VDD from 3.2 V to 1.8 V
2.0
2.5
3.0
V
VDD,UV,HYST
VDD under voltage -
hysteresis
0.08
V
IVDD,STBY
VDD standby current
Device in standby mode
VDD = 5 V
12
µA
IVDD,Q
VDD quiescent current
Device in active mode
Boost active in open loop
VDD = 5 V
VBST_OUT = 25 V
BST_FREQ= 100 kHz
1.5
mA
VS
Operating VS supply
voltage
5.5
28
V
VS_SW1
Minimum VS voltage
for IC supply from VS
10.7
11.1
11.6
V
VS_SW2
Min VS voltage for IC
supply from BST_OUT
VBST_OUT > 15V
7.2
7.5
7.9
V
VS,UV,L
VS under voltage
shutdown - low limit
VDD = 5 V 
Ramp on VS from 5.5 V to 4 V
Device not supplied by BST_OUT
pin
4.5
5
V
VS,UV,HYST
VS under voltage
hysteresis
0.35
V
IS,Q
VS quiescent current
VS = 13.5 V 
Boost disabled
67
mA
IS,STBY
VS standby current
Device in standby mode
VS = 13.5 V
610
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com