Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 21Page - STMicroelectronics L99LD02 Datasheet HTML 22Page - STMicroelectronics L99LD02 Datasheet HTML 23Page - STMicroelectronics L99LD02 Datasheet HTML 24Page - STMicroelectronics L99LD02 Datasheet HTML 25Page - STMicroelectronics L99LD02 Datasheet HTML 26Page - STMicroelectronics L99LD02 Datasheet HTML 27Page - STMicroelectronics L99LD02 Datasheet HTML 28Page - STMicroelectronics L99LD02 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
DS12448 Rev 3
25/66
L99LD02
Functional description
64
4.1.4
Limp Home / Stand-alone mode
The device enters Limp Home automatically 400 ns after Reset mode.
Limp Home characteristics are:
Boost active
Operation according to OTP settings
SPI active:
–
All SPI write operations must be allowed without any effects on the device
behavior.
When the device leaves this mode, it can enter Standby or Active mode.
If the Microcontroller sends the following SPI frames sequence:
The first SPI frame sets UNLOCK bit = 1
(see bit <1> on Table 22: CR#1: Control Register 1)
The second consecutive SPI frame sets GO_STBY bit = 1 and EN bit = 0,
(see bit <3> and bit <2> on Table 23: CR#2: Control Register 2)
Or, if in stand-alone operation, upon the condition of TM pin is low for more than a fixed time
window (tTM_LOW), the device enters Pre-Standby mode.
Then, the device automatically enters:
Standby, if CSN high for a time t > tSTDBY;
Reset, if CSN Low for a time t > tPRE_STDBY;
If the Microcontroller sends to the device the sequence of the following SPI frames:
The first SPI frame reads and clears the WD-Fail bit (see bit <14> on Table 26: SR#1:
Status Register 1)
The second SPI frame sets UNLOCK bit = 1 (see bit <1> on Table 22: CR#1: Control
Register 1)
The third consecutive SPI frame sets GOSTBY bit = 0 and EN bit = 1 (see bit <3> and
bit <2> on Table 23: CR#2: Control Register 2)
The device enters Active mode.
In Limp Home, after setting bit 27 on GSB (FE1, functional error bit), an auto-restart
procedure is implemented: every tAUTORESTART, functional error bit eventually set is
automatically cleared.
4.1.5
Active mode
The device enters the Active mode if the Microcontroller sends the following SPI frames
sequence:
The first SPI frame reads and clears the WD-Fail bit (see bit <14> on Table 26: SR#1:
Status Register 1)
The second SPI frame sets UNLOCK bit = 1 (see bit <1> on Table 22: CR#1: Control
Register 1)
The third consecutive SPI frame sets GOSTBY bit = 0 and EN bit = 1 (see bit <3> and
bit <2> on Table 23: CR#2: Control Register 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com