Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 53Page - STMicroelectronics L99LD02 Datasheet HTML 54Page - STMicroelectronics L99LD02 Datasheet HTML 55Page - STMicroelectronics L99LD02 Datasheet HTML 56Page - STMicroelectronics L99LD02 Datasheet HTML 57Page - STMicroelectronics L99LD02 Datasheet HTML 58Page - STMicroelectronics L99LD02 Datasheet HTML 59Page - STMicroelectronics L99LD02 Datasheet HTML 60Page - STMicroelectronics L99LD02 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
DS12448 Rev 3
57/66
L99LD02
Electrical specifications
64
Vcomp_max(1)
Maximum value for boost
output regulation
Vs = 13.5 V
VDD = 5 V
Boost active in closed loop
Ramp on BST_OUT from 14.7 V
to 80 V
Load on BST_OUT = 136 Ω
BST_FREQ = 303 KHz
RSLOPE = 3 kΩ
GM_OTA = 200 µS
3(2)
V
Icomp_leak
Comp output leakage if
boost is deactivated
Error Amplifier disabled, high-
impedance tri-state
1µA
1. Parameter guaranteed by design and characterization - not subject to production test.
2. Vcomp_max value is also achieved performing the test in open load.
Table 36. Boost controller (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 37. Boost controller reference voltage
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
VBST_OUT_OV_ON
Boost output
overvoltage activation
threshold
Vs = 13.5 V
VDD = 5 V
Ramp on BST_OUT pin
from 77 V up to 85 V
80.5 1.03 * VBST_OUT[1111111] 85.8
V
VBST_OUT_OV_OFF
Boost output
overvoltage
de-activation threshold
Vs = 13.5 V
VDD = 5 V
Ramp on BST_OUT pin
from 85 V down to 77 V
76.9
VBST_OUT [1111111]
82
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com